Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV641MGE Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV641MGE
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641MGE Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV641MGE Datasheet HTML 7Page - National Semiconductor (TI) LMV641MGE Datasheet HTML 8Page - National Semiconductor (TI) LMV641MGE Datasheet HTML 9Page - National Semiconductor (TI) LMV641MGE Datasheet HTML 10Page - National Semiconductor (TI) LMV641MGE Datasheet HTML 11Page - National Semiconductor (TI) LMV641MGE Datasheet HTML 12Page - National Semiconductor (TI) LMV641MGE Datasheet HTML 13Page - National Semiconductor (TI) LMV641MGE Datasheet HTML 14Page - National Semiconductor (TI) LMV641MGE Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Application Information
ADVANTAGES OF THE LMV641
Low Voltage and Low Power Operation
The LMV641 has performance guaranteed at supply voltages
of 2.7V and 10V. It is guaranteed to be operational at all sup-
ply voltages between 2.7V and 12.0V. The LMV641 draws a
low supply current of 138 µA. The LMV641 provides the low
voltage and low power amplification which is essential for
portable applications.
Wide Bandwidth
Despite drawing the very low supply current of 138 µA, the
LMV641 manages to provide a wide unity gain bandwidth of
10 MHz. This is easily one of the best bandwidth to power
ratios ever achieved, and allows this op amp to provide wide-
band amplification while using the minimum amount of power.
This makes the LMV641 ideal for low power signal processing
applications such as portable media players and other ac-
cessories.
Low Input Referred Noise
The LMV641 provides a flatband input referred voltage noise
density of 14 nV/
, which is significantly better than the
noise performance expected from a low power op amp. This
op amp also feature exceptionally low 1/f noise, with a very
low 1/f noise corner frequency of 4 Hz. Because of this the
LMV641 is ideal for low power applications which require de-
cent noise performance, such as PDAs and portable sensors.
Ground Sensing and Rail-to-Rail Output
The LMV641 has a rail-to-rail output stage, which provides
the maximum possible output dynamic range. This is espe-
cially important for applications requiring a large output swing.
The input common mode range of this part includes the neg-
ative supply rail which allows direct sensing at ground in a
single supply operation.
Small Size
The small footprint of the packages for the LMV641 saves
space on printed circuit boards, and enables the design of
smaller and more compact electronic products. Long traces
between the signal source and the op amp make the signal
path susceptible to noise. By using a physically smaller pack-
age, these op amps can be placed closer to the signal source,
reducing noise pickup and enhancing signal integrity.
STABILITY OF OP AMP CIRCUITS
If the phase margin of the LMV641 is plotted with respect to
the capacitive load (C
L) at its output, and if CL is increased
beyond 100 pF then the phase margin reduces significantly.
This is because the op amp is designed to provide the maxi-
mum bandwidth possible for a low supply current. Stabilizing
the LMV641 for higher capacitive loads would have required
either a drastic increase in supply current, or a large internal
compensation capacitance, which would have reduced the
bandwidth. Hence, if this device is to be used for driving higher
capacitive loads, it will have to be externally compensated.
20203359
FIGURE 1. Gain vs. Frequency for an Op Amp
An op amp, ideally, has a dominant pole close to DC which
causes its gain to decay at the rate of 20 dB/decade with re-
spect to frequency. If this rate of decay, also known as the
rate of closure (ROC), remains the same until the op amp's
unity gain bandwidth, then the op amp is stable. If, however,
a large capacitance is added to the output of the op amp, it
combines with the output impedance of the op amp to create
another pole in its frequency response before its unity gain
frequency (Figure 1). This increases the ROC to 40 dB/
decade and causes instability.
In such a case, a number of techniques can be used to restore
stability to the circuit. The idea behind all these schemes is to
modify the frequency response such that it can be restored to
an ROC of 20 dB/decade, which ensures stability.
In The Loop Compensation
Figure 2 illustrates a compensation technique, known as in
the loop compensation, that employs an RC feedback circuit
within the feedback loop to stabilize a non-inverting amplifier
configuration. A small series resistance, R
S, is used to isolate
the amplifier output from the load capacitance, C
L, and a small
capacitance, C
F, is inserted across the feedback resistor to
bypass C
L at higher frequencies.
20203358
FIGURE 2. In the Loop Compensation
11
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com