Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2758TL Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2758TL
Description  Switched Capacitor Flash LED Driver in micro SMD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2758TL Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2758TL Datasheet HTML 6Page - National Semiconductor (TI) LM2758TL Datasheet HTML 7Page - National Semiconductor (TI) LM2758TL Datasheet HTML 8Page - National Semiconductor (TI) LM2758TL Datasheet HTML 9Page - National Semiconductor (TI) LM2758TL Datasheet HTML 10Page - National Semiconductor (TI) LM2758TL Datasheet HTML 11Page - National Semiconductor (TI) LM2758TL Datasheet HTML 12Page - National Semiconductor (TI) LM2758TL Datasheet HTML 13Page - National Semiconductor (TI) LM2758TL Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ANALOG BRIGHTNESS CONTROL
30045318
The current though the LED could be varied dynamically by
changing the I
SET current. The above figure shows the circuit.
The current though the LED can be calculated as follows.
30045317
CAPACITOR SELECTION
The LM2758 requires 4 external capacitors for proper opera-
tion. Surface-mount multi-layer ceramic capacitors are rec-
ommended. These capacitors are small, inexpensive and
have very low equivalent series resistance (ESR <20 m
Ω
typ.). Tantalum capacitors, OS-CON capacitors, and alu-
minum electrolytic capacitors are not recommended for use
with the LM2758 due to their high ESR, as compared to ce-
ramic capacitors. For most applications, ceramic capacitors
with X7R or X5R temperature characteristic are preferred for
use with the LM2758. These capacitors have tight capaci-
tance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15%
over -55°C to 85°C). Capacitors with Y5V or Z5U temperature
characteristic are generally not recommended for use with the
LM2758. Capacitors with these temperature characteristics
typically have wide capacitance tolerance (+80%, -20%) and
vary significantly over temperature (Y5V: +22%, -82% over
-30°C to +85°C range; Z5U: +22%, -56% over +10°C to +85°
C range). Under some conditions, a nominal 1
μF Y5V or Z5U
capacitor could have a capacitance of only 0.1
μF. Such detri-
mental deviation is likely to cause Y5V and Z5U capacitors to
fail to meet the minimum capacitance requirements of the
LM2758. The voltage rating of the output capacitor should be
6.3V or more. For example, a 6.3V 0603 2.2
μF output ca-
pacitor (TDK C1608X5R0J225) is acceptable for use with the
LM2758, as long as the capacitance on the output does not
fall below a minimum of 1
μF in the intended application. All
other capacitors should have a voltage rating at or above the
maximum input voltage of the application and should have a
minimum capacitance of 1
μF.
Suggested Capacitors and Suppliers
MFG Part No.
Type
MFG
Voltage Rating
Case Size
Inch (mm)
2.2 µF for C
IN and COUT
C1608X5R0J225
Ceramic X5R
TDK
6.3V
0603 (1608)
JMK107BJ225
Ceramic X5R
Taiyo-Yuden
6.3V
0603 (1608)
1 µF for C1 and C2
C1608X5R0J105
Ceramic X5R
TDK
6.3V
0603 (1608)
JMK107BJ105M
Ceramic X5R
Taiyo-Yuden
6.3V
0603 (1608)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com