Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV641MAE Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV641MAE
Description  10 MHz, 12V, Low Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV641MAE Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMV641MAE Datasheet HTML 10Page - National Semiconductor (TI) LMV641MAE Datasheet HTML 11Page - National Semiconductor (TI) LMV641MAE Datasheet HTML 12Page - National Semiconductor (TI) LMV641MAE Datasheet HTML 13Page - National Semiconductor (TI) LMV641MAE Datasheet HTML 14Page - National Semiconductor (TI) LMV641MAE Datasheet HTML 15Page - National Semiconductor (TI) LMV641MAE Datasheet HTML 16Page - National Semiconductor (TI) LMV641MAE Datasheet HTML 17Page - National Semiconductor (TI) LMV641MAE Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
VOICEBAND FILTER
The majority of the energy of recognizable speech is within a
band of frequencies between 200 Hz and 4 kHz. Therefore it
is beneficial to design circuits which transmit telephone sig-
nals that pass only certain frequencies and eliminate unwant-
ed signals (noise) that could interfere with conversations and
introduce error into control signals. The pass band of these
circuits is defined as the ranges of frequencies that are
passed. A telephone system voice frequency (VF) channel
has a pass band of 0 Hz to 4 kHz. Specifically for human
voices most of the energy content is found from 300 Hz to 3
kHz and any signal within this range is considered an in-band
signal. Alternatively, any signal outside this range but within
the VF channel is considered an out-of-band signal.
To properly recover a voice signal in applications such as
cellular phones, cordless phones, and voice pagers, a low
power bandpass filter that is matched to the human voice
spectrum can be implemented using an LMV641 op amp.
Figure 9 shows a multi-feedback, multi-pole filter (2nd order
response) with a gain of −1. The lower 3 dB cutoff frequency
which is set by the DC blocking capacitor C
1 and resistor R1
is 60 Hz and the upper cutoff frequency is 3.5 kHz.
The total current consumption is a mere 138 µA. The LV641
is operating with a gain of −1, but the circuit is easily modified
to add gain. The op amp is powered from a single supply,
hence the need for offset (common-mode) adjustment of its
output, which is set to ½ V
S via its non-inverting input.
This filter is also useful in applications for battery operated
talking toys and games.
20203373
FIGURE 9. Low Power Voice In-Band Receive Filter for
Battery-Powered Portable Use
15
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com