Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7341 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7341
Description  짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7341 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM7341 Datasheet HTML 1Page - National Semiconductor (TI) LM7341 Datasheet HTML 2Page - National Semiconductor (TI) LM7341 Datasheet HTML 3Page - National Semiconductor (TI) LM7341 Datasheet HTML 4Page - National Semiconductor (TI) LM7341 Datasheet HTML 5Page - National Semiconductor (TI) LM7341 Datasheet HTML 6Page - National Semiconductor (TI) LM7341 Datasheet HTML 7Page - National Semiconductor (TI) LM7341 Datasheet HTML 8Page - National Semiconductor (TI) LM7341 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
GBW
Gain Bandwidth
f = 100 kHz, R
L = 100 kΩ
3.6
MHz
e
n
Input Referred Voltage Noise Density
f = 1 kHz
35
nV/
i
n
Input Referred Voltage Noise Density
f = 1 kHz
0.28
pA/
THD+N
Total Harmonic Distortion + Noise
f = 10 kHz
−66
dB
t
PD
Propagation Delay
Overdrive = 50 mV (Note 7)
4
µs
Overdrive = 1V (Note 7)
3
t
r
Rise Time
20% to 80% (Note 7)
1
µs
t
f
Fall Time
80% to 20% (Note 7)
1
µs
±5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
A = 25°C, V
+ = +5V, V− = −5V, V
CM = VOUT = 0V and RL > 1 MΩ to 0V.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = −4.5V and VCM = 4.5V
−4
−5
±0.2
+4
+5
mV
TCV
OS
Input Offset Voltage Temperature Drift
±2
μV/°C
I
B
Input Bias Current
V
CM = −4.5V
−200
−250
−95
nA
V
CM = 4.5V
35
70
80
I
OS
Input Offset Current
V
CM = −4.5V and VCM = 4.5V
1
40
50
nA
CMRR
Common Mode Rejection Ratio
−5V
≤ V
CM ≤ 3V
84
82
112
dB
−5V
≤ V
CM ≤ 5V
72
70
92
PSRR
Power Supply Rejection Ratio
2.7V
≤ V
S ≤ 30V, VCM = −4.5V
86
84
106
dB
CMVR
Common Mode Voltage Range
CMRR
≥ 65 dB
−5.3
−5.0
V
5.0
5.3
A
VOL
Open Loop Voltage Gain
−4V
≤ V
O ≤ 4V
R
L = 10 kΩ to 0V
20
12
110
V/mV
V
OUT
Output Voltage Swing
High
R
L = 10 kΩ to 0V,
V
ID = 100 mV
80
150
200
mV from
either rail
R
L = 2 kΩ to 0V,
V
ID = 100 mV
170
300
400
Output Voltage Swing
Low
R
L = 10 kΩ to 0V
V
ID = −100 mV
90
150
200
R
L = 2 kΩ to 0V
V
ID = −100 mV
210
300
400
I
OUT
Output Current
Sourcing, V
OUT = −5V
V
ID = 200 mV
6
4
11
mA
Sinking, V
OUT = 5V
V
ID = −200 mV
6
4
12
I
S
Supply Current
V
CM = −4.5V and VCM = 4.5V
0.65
1.0
1.1
mA
SR
Slew Rate
±4V Step
1.7
V/
μs
GBW
Gain Bandwidth
f = 100 kHz, R
L = 100 kΩ
4.0
MHz
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com