Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48823 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48823
Description  Mono, Bridge-Tied Load, Ceramic Speaker Driver with I2C Volume Control and Reset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48823 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM48823 Datasheet HTML 1Page - National Semiconductor (TI) LM48823 Datasheet HTML 2Page - National Semiconductor (TI) LM48823 Datasheet HTML 3Page - National Semiconductor (TI) LM48823 Datasheet HTML 4Page - National Semiconductor (TI) LM48823 Datasheet HTML 5Page - National Semiconductor (TI) LM48823 Datasheet HTML 6Page - National Semiconductor (TI) LM48823 Datasheet HTML 7Page - National Semiconductor (TI) LM48823 Datasheet HTML 8Page - National Semiconductor (TI) LM48823 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Connection Diagrams
TL Package
2mm x 2mm x 0.8mm
300684e0
Top View
See NS Package Number TLA1611A
16–Bump micro SMD Marking
300684g7
Top View
XY – Date Code
TT – Lot Traceability
G – Boomer Family
K6 – LM48823TL
Ordering Information
Order Number
Package
Package DWG #
Transport Media
MSL Level
Green Status
LM48823TL
16–Bump micro SMD
TLA1611A
250 units on tape and reel
1
NOPB
LM48823TLX
16–Bump micro SMD
TLA1611A
3000 units on tape and reel
1
NOPB
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com