Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5000EP Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5000EP
Description  Enhanced Plastic High Voltage Switch Mode Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5000EP Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM5000EP Datasheet HTML 10Page - National Semiconductor (TI) LM5000EP Datasheet HTML 11Page - National Semiconductor (TI) LM5000EP Datasheet HTML 12Page - National Semiconductor (TI) LM5000EP Datasheet HTML 13Page - National Semiconductor (TI) LM5000EP Datasheet HTML 14Page - National Semiconductor (TI) LM5000EP Datasheet HTML 15Page - National Semiconductor (TI) LM5000EP Datasheet HTML 16Page - National Semiconductor (TI) LM5000EP Datasheet HTML 17Page - National Semiconductor (TI) LM5000EP Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Flyback Regulator Operation (Continued)
ITEM
PART NUMBER
DESCRIPTION
VALUE
C
1
C4532X7R2A105MT
Capacitor, CER, TDK
1µ, 100V
C
2
C4532X7R2A105MT
Capacitor, CER, TDK
1µ, 100V
C
3
C1206C224K5RAC
Capacitor, CER, KEMET
0.22µ, 50V
C
4
C1206C104K5RAC
Capacitor, CER, KEMET
0.1µ, 50V
C
5
C1206C104K5RAC
Capacitor, CER, KEMET
0.1µ, 50V
C
6
C1206C101K1GAC
Capacitor, CER, KEMET
100p, 100V
C
7
C1206C104K5RAC
Capacitor, CER, KEMET
0.1µ, 50V
C
8
C4532X7S0G686M
Capacitor, CER, TDK
68µ, 4V
C
9
C4532X7S0G686M
Capacitor, CER, TDK
68µ, 4V
C
10
C1206C221K1GAC
Capacitor, CER, KEMET
220p, 100V
C
11
C1206C102K5RAC
Capacitor, CER, KEMET
1000p, 500V
D
1
BZX84C10-NSA
Central, 10V Zener, SOT-23
D
2
CMZ5930B-NSA
Central, 16V Zener, SMA
D
3
CMPD914-NSA
Central, Switching, SOT-23
D
4
CMPD914-NSA
Central, Switching, SOT-23
D
5
CMSH3-40L-NSA
Central, Schottky, SMC
20098372
FIGURE 5. LM5000EP Flyback Converter
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com