Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48860 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM48860
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48860 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM48860 Datasheet HTML 1Page - National Semiconductor (TI) LM48860 Datasheet HTML 2Page - National Semiconductor (TI) LM48860 Datasheet HTML 3Page - National Semiconductor (TI) LM48860 Datasheet HTML 4Page - National Semiconductor (TI) LM48860 Datasheet HTML 5Page - National Semiconductor (TI) LM48860 Datasheet HTML 6Page - National Semiconductor (TI) LM48860 Datasheet HTML 7Page - National Semiconductor (TI) LM48860 Datasheet HTML 8Page - National Semiconductor (TI) LM48860 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Notes 2, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
-0.3V to V
DD
Power Dissipation (Note 3)
Internally Limited
ESD Rating(Note 4)
2000V
ESD Rating (Note 5)
200V
Junction Temperature
150°C
Thermal Resistance
 θ
JA (typ) TLA12XXX
59.3°C/W
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
−40°C
≤ T
A ≤ 85°C
Supply Voltage (V
DD)
2.0V
≤ V
DD ≤ 5.5V
Electrical Characteristics V
DD = 3V (Notes 1, 2)
The following specifications apply for V
DD = 3V and 16Ω load unless otherwise specified. Limits apply to TA = 25°C.
Symbol
Parameter
Conditions
LM48860
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
I
DD
Quiescent Power Supply Current
Full Power Mode
V
DD = 3.0V,
V
IN = 0V, inputs terminated
both channels enabled
4
5.5
mA (max)
V
DD = 5.0V,
V
IN = 0V, inputs terminated
both channels enabled
4.2
mA
I
SD
Shutdown Current
SD_LC = SD_RC= GND
0.1
1
µA (max)
SD_LC = SD_RC= GND,
V
DD = 5.0V
0.1
1
µA (max)
V
OS
Output Offset Voltage
R
L = 32Ω, VIN = 0V
0.7
5.5
mV (max)
A
V
Voltage Gain
–1.5
V/V
ΔA
V
Channel-to-channel Gain
Matching
1
%
R
IN
Input Resistance
20
15
25
k
Ω (min)
k
Ω (max)
P
O
Output Power
THD+N = 1% (max); f = 1kHz,
R
L = 16Ω, (two channels in phase)
40
35
mW (min)
THD+N = 1% (max); f = 1kHz,
R
L = 32Ω, (two channels in phase)
50
40
mW (min)
THD+N
Total Harmonic Distortion +
Noise
P
O = 20mW, f = 1kHz, RL = 16Ω
(two channels in phase)
0.025
%
P
O = 25mW, f = 1kHz, RL = 32Ω
(two channels in phase)
0.014
%
PSRR
Power Supply Rejection Ratio
Full Power Mode
V
RIPPLE = 200mVPP, Input Referred
f = 217Hz
80
73
dB (min)
f = 1kHz
75
dB
f = 20kHz
60
dB
SNR
Signal-to-Noise Ratio
R
L = 32Ω, POUT = 50mW,
f = 1kHz, BW = 20Hz to 22kHz,
A-weighted
105
dB
V
IH
Shutdown Input Voltage High
V
DD = 2.0V to 5.5V
1.2
V (min)
V
IL
Shutdown Input Voltage Low
V
DD = 2.0V to 5.5V
0.45
V (max)
X
TALK
Crosstalk
R
L = 16Ω, PO = 1.6mW,
f = 1kHz
75
dB
∈
OS
Output Noise
A-weighted filter, V
IN = 0V
8
μV
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com