Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48860TL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM48860TL
Description  Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM48860TL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM48860TL Datasheet HTML 1Page - National Semiconductor (TI) LM48860TL Datasheet HTML 2Page - National Semiconductor (TI) LM48860TL Datasheet HTML 3Page - National Semiconductor (TI) LM48860TL Datasheet HTML 4Page - National Semiconductor (TI) LM48860TL Datasheet HTML 5Page - National Semiconductor (TI) LM48860TL Datasheet HTML 6Page - National Semiconductor (TI) LM48860TL Datasheet HTML 7Page - National Semiconductor (TI) LM48860TL Datasheet HTML 8Page - National Semiconductor (TI) LM48860TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Symbol
Parameter
Conditions
LM48860
Units
(Limits)
Typical
(Note 6)
Limit
(Note 7)
Z
OUT
Output Impedance
V
SD = GND
Input Terminated
Input not terminated
SD_LC = SD_RC = GND
30
30
 
20
k
Ω (min)
k
Ω
I
L
Input Leakage
±0.1
nA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of device reliability
and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or other conditions beyond those indicated in
the Recommended Operating Conditions is not implied. The Recommended Operating Conditions indicate conditions at which the device is functional and the
device should not be operated beyond such conditions. All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 2: The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not guaranteed.
Note 3: The maximum power dissipation must be derated at elevated temperatures and is dictated by T
JMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation is P
DMAX = (TJMAX - TA) / θJA or the number given in Absolute Maximum Ratings, whichever is lower. For the LM48860, see power
derating curves for additional information.
Note 4: Human body model, applicable std. JESD22-A114C.
Note 5: Machine model, applicable std. JESD22-A115-A.
Note 6: Typical values represent most likely parametric norms at T
A = +25ºC, and at the Recommended Operation Conditions at the time of product
characterization and are not guaranteed.
Note 7: Datasheet min/max specification limits are guaranteed by test or statistical analysis.
Note 8:
θ
JA value is measured with the device mounted on a PCB with a 1.5” x 1.375”, 1oz copper heatsink.
External Components Description
(Figure 1)
Components
Functional Description
1.
C
1
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a high pass-
pass filter with R
i at fC = 1/(2RiC1). Refer to the section Proper Selection of External Components, for an
explanation of how to determine the value of C
1.
2.
C
2
Input coupling capacitor which blocks the DC voltage at the amplifier’s input terminals. Also creates a high pass-
pass filter with R
i at fC = 1/(2RiC2). Refer to the Power Supply Bypassing section for an explanation of how to
determine the value of C
2.
3.
C
3
Output capacitor. Low ESR ceramic capacitor (
≤100mΩ)
4.
C
4
Flying capacitor. Low ESR ceramic capacitor (
≤100mΩ)
5.
C
5
Tantalum capacitor. Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply
Bypassing section for information concerning proper placement and selection of the supply bypass capacitor.
6.
C
6
Ceramic capacitor. Supply bypass capacitor which provides power supply filtering. Refer to the Power Supply
Bypassing section for information concerning proper placement and selection of the supply bypass capacitor.
5
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com