Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2980-ADJEP Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980-ADJEP
Description  Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980-ADJEP Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP2980-ADJEP Datasheet HTML 2Page - National Semiconductor (TI) LP2980-ADJEP Datasheet HTML 3Page - National Semiconductor (TI) LP2980-ADJEP Datasheet HTML 4Page - National Semiconductor (TI) LP2980-ADJEP Datasheet HTML 5Page - National Semiconductor (TI) LP2980-ADJEP Datasheet HTML 6Page - National Semiconductor (TI) LP2980-ADJEP Datasheet HTML 7Page - National Semiconductor (TI) LP2980-ADJEP Datasheet HTML 8Page - National Semiconductor (TI) LP2980-ADJEP Datasheet HTML 9Page - National Semiconductor (TI) LP2980-ADJEP Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ripple Rejection
20207021
Application Hints
EXTERNAL CAPACITORS
Like any low-dropout regulator, the external capacitors must
be selected carefully to assure regulator loop stability.
INPUT CAPACITOR: An input capacitor whose value is
≥1 μF is required (the amount of capacitance may be in-
creased without limit).
Any good quality Tantalum or Ceramic capacitor may be used
here. The capacitor must be located not more than 0.5″ from
the input pin and returned to a clean analog ground.
OUTPUT CAPACITOR: The output capacitor must meet both
the requirement for minimum amount of capacitance and
E.S.R. (Equivalent Series Resistance) for stable operation.
Curves are provided below which show the allowable ESR of
the output capacitor as a function of load current for both
2.2 μF and 4.7 μF. A solid Tantalum capacitor is the best
choice for the output.
20207022
2.2 μF ESR Curves
20207023
4.7 μF ESR Curves
IMPORTANT: The output capacitor must maintain its ESR in
the stable region over the full operating temperature range to
assure stability. Also, capacitor tolerance and variation with
temperature must be considered to assure the minimum
amount of capacitance is provided at all times.
Note that this capacitor must be located not more than 0.5”
from the output pin and returned to a clean analog ground.
FEED-FORWARD CAPACITOR: A 7 pF feed-forward ca-
pacitor is required (see Basic Application Circuit). The func-
tion of this capacitor is to provide the lead compensation
necessary for loop stability.
A temperature-stable ceramic capacitor (type NPO or COG)
should be used here.
CAPACITOR CHARACTERISTICS
TANTALUM: The best capacitor choice for the LP2980-AD-
JEP output is solid Tantalum. The ESR of a good quality
Tantalum is almost perfectly centered in the middle of the
“stable” range of the ESR curve (about 0.5
Ω–1Ω).
The temperature stability of Tantalums is typically very good,
with a total variation of only about 2:1 over the temperature
range of −40°C to +125°C (ESR increases at colder temper-
atures).
Off-brand capacitors should be avoided, as some poor quality
Tantalums are seen with ESR's > 10
Ω, and this usually caus-
es oscillation problems.
One caution about Tantalums if they are used on the input:
the ESR of a Tantalum is low enough that it can be destroyed
by surge current if powered up from a low impedance source
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com