Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPD95220 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # FPD95220
Description  320-Channel LTPS Dot Inversion Driver with Programmable Partial Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

FPD95220 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  FPD95220 Datasheet HTML 1Page - National Semiconductor (TI) FPD95220 Datasheet HTML 2Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
September 2007
FPD95220
320-Channel LTPS Dot Inversion Driver with
Programmable Partial Display
General Description
The FPD95220 is a 320–channel LTPS dot inversion driver
with Partial Display Memory, and an 18–bit RGB video inter-
face. It provides 320 output source drivers with a 1:3 glass
multiplex ratio. It includes a 77,112–bit memory for partial
display modes, a timing controller with glass interface level-
shifters, a DC V
COM driver and glass power supply circuits.
The output format can be configured to drive arbitrary display
resolutions up to 320 RGB columns.
The on-chip Partial Display Memory is configurable in window
size, location and color depth. This memory can be used to
self-refresh a region of the display in a reduced power state.
The FPD95220 device also includes independent RGB gam-
ma curve adjustments as well as user-definable color palettes
for 1–bit and 3–bit Partial Display modes.
A low-speed serial interface controls display operating modes
and provides access to the Partial Display Memory. This in-
terface can support both 8–bit and 9–bit protocols. A standard
command set is supported to set display modes and operating
parameters. Customized register profiles associated with
commands are loaded from an on-chip EEPROM. Registers
can also be directly accessed by using the Register Access
Mode.
Features
■ Dot Inversion
■ Reduced audible and electrical noise for touch panel
applications
■ Improved image quality
■ Supports pixel and sub-pixel inversion modes
■ Power Savings
■ Self-refreshed Partial Display Mode
■ Charge-sharing power saving functions
■ Backlight brightness PWM circuit
■ Standard Command Set
■ Registers initialized from on-chip EEPROM
■ Command-triggered profiles can change register settings
for modes/gamma settings
■ Eliminates frequent host SW changes to update register
settings
■ 8 user-defined display configurations
■ Programmable Settings
■ Display resolution and glass signal timing
■ Video interface timing auto-learning circuit
■ VID_XFR output reduces tearing in partial mode
■ Gamma curves and V
COM adjustment
■ Partial Display
■ Adjustable memory window size and location
■ 1, 3, 12 or 18–bit color depth
■ Partial window 2x upscale with border color
■ Alpha blending, including transparent mode
■ Interfaces
■ Low-speed serial interface for commands, register access
and partial memory access
■ 18–bit RGB Video interface
System Diagrams
30036805
© 2007 National Semiconductor Corporation
300368
www.national.com


Similar Part No. - FPD95220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD95120 NSC-FPD95120 Datasheet
222Kb / 2P
320-Channel LTPS/CGS Driver with MPL1 Interface
FPD95320 NSC-FPD95320 Datasheet
215Kb / 2P
320-Channel LTPS/CGS Driver with Partial Display Memory and MPL-1 Interface
More results

Similar Description - FPD95220

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
Dot/Bar Display Driver
LM3915 NSC-LM3915 Datasheet
1Mb / 25P
Dot/Bar Display Driver
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
Dot/Bar Display Driver
logo
Hitachi Semiconductor
HD66130T HITACHI-HD66130T Datasheet
64Kb / 16P
320-channel Low-voltage Segment Driver for Dot-Matrix STN Liquid Crystal Display
logo
Sharp Corporation
IR2431 SHARP-IR2431 Datasheet
220Kb / 3P
12-Dot LED Display Driver
logo
National Semiconductor ...
FPD95120 NSC-FPD95120 Datasheet
222Kb / 2P
320-Channel LTPS/CGS Driver with MPL1 Interface
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
Dot/Bar Display Driver
logo
Samsung semiconductor
S6E63D6 SAMSUNG-S6E63D6 Datasheet
3Mb / 155P
240 RGB X 320 Dot 1-Chip Driver IC with LTPS Interface for 262,144 Color AMOLED Display Panel
logo
National Semiconductor ...
FPD95320 NSC-FPD95320 Datasheet
215Kb / 2P
320-Channel LTPS/CGS Driver with Partial Display Memory and MPL-1 Interface
logo
STMicroelectronics
STV7733 STMICROELECTRONICS-STV7733 Datasheet
326Kb / 28P
320 output dot-matrix display driver
29-May-2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com