Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2000 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA2000
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA2000_10 Datasheet HTML 12Page - NXP Semiconductors PCA2000_10 Datasheet HTML 13Page - NXP Semiconductors PCA2000_10 Datasheet HTML 14Page - NXP Semiconductors PCA2000_10 Datasheet HTML 15Page - NXP Semiconductors PCA2000_10 Datasheet HTML 16Page - NXP Semiconductors PCA2000_10 Datasheet HTML 17Page - NXP Semiconductors PCA2000_10 Datasheet HTML 18Page - NXP Semiconductors PCA2000_10 Datasheet HTML 19Page - NXP Semiconductors PCA2000_10 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
PCA2000_2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 23 August 2010
16 of 30
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
8.
Limiting values
[1]
When writing to the OTP cells, the supply voltage (VDD) can be raised to a maximum of 12 V for a period of
1s.
[2]
Connecting the battery with reversed polarity does not destroy the circuit, but in this condition a large
current flows, which rapidly discharges the battery.
[3]
Pass level; Human Body Model (HBM), according to Ref. 4 “JESD22-A114”.
[4]
Pass level; Machine Model (MM), according to Ref. 5 “JESD22-A115”.
[5]
Pass level; latch-up testing according to Ref. 6 “JESD78” at maximum ambient temperature (Tamb(max)).
[6]
According to the NXP store and transport requirements (see Ref. 8 “NX3-00092”) the devices have to be
stored at a temperature of +8
°C to +45 °C and a humidity of 25 % to 75 %. For long term storage products
deviant conditions are described in that document.
Table 9.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
VSS =0 V
[1][2]
−1.8
+7.0
V
VI
input voltage
on all supply pins
−0.5
+7.5
V
tsc
short circuit duration time
output
-
indefinite
s
VESD
electrostatic discharge
voltage
HBM
[3]
-
±2000
V
MM
[4]
-
±200
V
Ilu
latch-up current
[5]
-100
mA
Tstg
storage temperature
[6]
−30
+100
°C
Tamb
ambient temperature
−10
+60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com