Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD1FLEX Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PESD1FLEX
Description  FlexRay bus ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1FLEX Datasheet(HTML) 1 Page - NXP Semiconductors

  PESD1FLEX Datasheet HTML 1Page - NXP Semiconductors PESD1FLEX Datasheet HTML 2Page - NXP Semiconductors PESD1FLEX Datasheet HTML 3Page - NXP Semiconductors PESD1FLEX Datasheet HTML 4Page - NXP Semiconductors PESD1FLEX Datasheet HTML 5Page - NXP Semiconductors PESD1FLEX Datasheet HTML 6Page - NXP Semiconductors PESD1FLEX Datasheet HTML 7Page - NXP Semiconductors PESD1FLEX Datasheet HTML 8Page - NXP Semiconductors PESD1FLEX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
PESD1FLEX in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic
package designed to protect two automotive FlexRay bus lines from the damage caused
by ElectroStatic Discharge (ESD) and other transients.
1.2 Features
I Due to the integrated diode structure only one small SOT23 package is needed to
protect two FlexRay bus lines
I Max. peak pulse power: PPP = 200 W at tp = 8/20 µs
I Low clamping voltage: VCL = 40 V at IPP =1A
I Ultra low leakage current: IRM <1nA
I Typ. diode capacitance matching: ∆Cd/Cd = 0.1 %
I ESD protection up to 23 kV
I IEC 61000-4-2, level 4 (ESD)
I IEC 61000-4-5 (surge); IPP = 3 A at tp = 8/20 µs
I Small SMD plastic package
1.3 Applications
I FlexRay bus protection
I Automotive applications
1.4 Quick reference data
PESD1FLEX
FlexRay bus ESD protection diode
Rev. 02 — 15 February 2008
Product data sheet
Table 1.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
24
V
Cd
diode capacitance
f = 5 MHz; VR = 0 V
-
1117pF


Similar Part No. - PESD1FLEX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD1FLEX NEXPERIA-PESD1FLEX Datasheet
210Kb / 11P
FlexRay bus ESD protection diode
7 November 2021
logo
Protek Devices
PESD1FLEX PROTEC-PESD1FLEX_15 Datasheet
373Kb / 6P
SOT-23 PACKGE
More results

Similar Description - PESD1FLEX

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD1LIN NXP-PESD1LIN Datasheet
93Kb / 11P
LIN bus ESD protection diode
Rev. 02-12 November 2008
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
Diodes Incorporated
DESD1FLEX2SOQ DIODES-DESD1FLEX2SOQ Datasheet
375Kb / 5P
FLEXRAY BUS ESD PROTECTION DIODE
Rev 1
DESD2FLEX2SOQ DIODES-DESD2FLEX2SOQ Datasheet
323Kb / 5P
FLEXRAY BUS ESD PROTECTION DIODE
Rev 2
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
CAN BUS ESD PROTECTION DIODE
logo
TECH PUBLIC Electronics...
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
Can bus ESD Protection Diode
logo
Nexperia B.V. All right...
PESD1FLEX NEXPERIA-PESD1FLEX Datasheet
210Kb / 11P
FlexRay bus ESD protection diode
7 November 2021
logo
TECH PUBLIC Electronics...
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
Can bus Esd Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com