Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEMD24 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PEMD24
Description  NPN/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PEMD24 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PEMD24 Datasheet HTML 2Page - NXP Semiconductors PEMD24 Datasheet HTML 3Page - NXP Semiconductors PEMD24 Datasheet HTML 4Page - NXP Semiconductors PEMD24 Datasheet HTML 5Page - NXP Semiconductors PEMD24 Datasheet HTML 6Page - NXP Semiconductors PEMD24 Datasheet HTML 7Page - NXP Semiconductors PEMD24 Datasheet HTML 8Page - NXP Semiconductors PEMD24 Datasheet HTML 9Page - NXP Semiconductors PEMD24 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
9397 750 14457
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2005
8 of 10
Philips Semiconductors
PEMD24; PUMD24
NPN/PNP resistor-equipped transistors; R1 = 100 k
Ω, R2 = 100 kΩ
10. Revision history
Table 10:
Revision history
Document ID
Release date
Data sheet status
Change notice
Doc. number
Supersedes
PEMD24_PUMD24_1
20050502
Product data sheet
-
9397 750 14457
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com