Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2156 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # DS2156
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2156 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button DS2156 Datasheet HTML 35Page - Maxim Integrated Products DS2156 Datasheet HTML 36Page - Maxim Integrated Products DS2156 Datasheet HTML 37Page - Maxim Integrated Products DS2156 Datasheet HTML 38Page - Maxim Integrated Products DS2156 Datasheet HTML 39Page - Maxim Integrated Products DS2156 Datasheet HTML 40Page - Maxim Integrated Products DS2156 Datasheet HTML 41Page - Maxim Integrated Products DS2156 Datasheet HTML 42Page - Maxim Integrated Products DS2156 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 265 page
background image
DS2156
39 of 265
4. PARALLEL PORT
The SCT is controlled by either a nonmultiplexed (MUX = 0) or a multiplexed (MUX = 1) bus through an
external microcontroller or microprocessor. The SCT can operate with either Intel or Motorola bus timing
configurations. If the BTS pin is connected low, Intel timing is selected; if connected high, Motorola
timing is selected. All Motorola bus signals are listed in parentheses (). See the timing diagrams in AC
Electrical Characteristics in Section 36 for more details.
4.1
Register Map
Table 4-A. Register Map Sorted by Address
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
00
R/W
Master Mode Register
MSTRREG
49
01
R/W
I/O Configuration Register 1
IOCR1
76
02
R/W
I/O Configuration Register 2
IOCR2
77
03
R/W
T1 Receive Control Register 1
T1RCR1
53
04
R/W
T1 Receive Control Register 2
T1RCR2
54
05
R/W
T1 Transmit Control Register 1
T1TCR1
55
06
R/W
T1 Transmit Control Register 2
T1TCR2
56
07
R/W
T1 Common Control Register 1
T1CCR1
57
08
R/W
Software Signaling Insertion Enable 1
SSIE1
100
09
R/W
Software Signaling Insertion Enable 2
SSIE2
100
0A
R/W
Software Signaling Insertion Enable 3
SSIE3
101
0B
R/W
Software Signaling Insertion Enable 4
SSIE4
101
0C
R/W
T1 Receive Digital Milliwatt Enable Register 1
T1RDMR1
59
0D
R/W
T1 Receive Digital Milliwatt Enable Register 2
T1RDMR2
59
0E
R/W
T1 Receive Digital Milliwatt Enable Register 3
T1RDMR3
59
0F
R
Device Identification Register
IDR
70
10
R/W
Information Register 1
INFO1
60
11
R
Information Register 2
INFO2
158
12
R/W
Information Register 3
INFO3
67
13
14
R
Interrupt Information Register 1
IIR1
51
15
R
Interrupt Information Register 2
IIR2
51
16
R/W
Status Register 1
SR1
159
17
R/W
Interrupt Mask Register 1
IMR1
160
18
R/W
Status Register 2
SR2
70
19
R/W
Interrupt Mask Register 2
IMR2
71
1A
R/W
Status Register 3
SR3
72
1B
R/W
Interrupt Mask Register 3
IMR3
73
1C
R/W
Status Register 4
SR4
74
1D
R/W
Interrupt Mask Register 4
IMR4
75
1E
R/W
Status Register 5
SR5
113
1F
R/W
Interrupt Mask Register 5
IMR5
113
20
R/W
Status Register 6
SR6
142
21
R/W
Interrupt Mask Register 6
IMR6
143
22
R/W
Status Register 7
SR7
142
23
R/W
Interrupt Mask Register 7
IMR7
143
24
R/W
Status Register 8
SR8
119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com