Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC050-01 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # SSC050-01
Description  Two-Wire Serial Backplane Controller
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SSC050-01 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button SSC050-01 Datasheet HTML 35Page - Maxim Integrated Products SSC050-01 Datasheet HTML 36Page - Maxim Integrated Products SSC050-01 Datasheet HTML 37Page - Maxim Integrated Products SSC050-01 Datasheet HTML 38Page - Maxim Integrated Products SSC050-01 Datasheet HTML 39Page - Maxim Integrated Products SSC050-01 Datasheet HTML 40Page - Maxim Integrated Products SSC050-01 Datasheet HTML 41Page - Maxim Integrated Products SSC050-01 Datasheet HTML 42Page - Maxim Integrated Products SSC050-01 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
4-23
Control Registers
SSC050-01
Control Register Definition
Data Sheet
Revision 4.0
November 10, 2004
32h: Fan Speed Current Count 0 (FSCC0)
Register Name:
FSCC0
Address:
32h
Reset Value:
0000_0000b
Description
Fan Speed Current Count 0.
This register affects pin P P2.4.
76543
210
Fan Speed Current Count
Bit(s)
Bit Label
Access
Description
7
FSCO7-0
R
These eight bits, when enabled by setting the FSCEN bit in the FSC0 register pro-
vide the user with an accurate binary fan speed count value which can be used to
determine the current RPM value of the fan. A minimum of one complete revolution
of the fan is required to generate an accurate fan speed count value. The following
equation can be used to determine the current RPM value of the fan:
RPM = (1,200,000)/(Decimal-Count-Value X Divisor)
When the result of a read of this register is 00h, an accurate fan speed count value
has not been generated indicating that the fan has not completed a minimum of one
revolution. When the result of a read of this register is FFh, the fan is rotating very
slowly or there are no tachometer pulses present. When operating in a polled mode
with the FSIEN bit reset in the FSC0 register, this register will automatically update
with an accurate fan speed count once per revolution of the fan. When operating in
an interrupt mode with the FSIEN bit set in the FSC0 register, this register will auto-
matically update with an accurate fan speed count once per revolution of the fan until
an interrupt is generated. Once the interrupt is generated, the value will remain sta-
ble until the interrupt is cleared. When the interrupt is cleared, this register will also
be cleared indicating that a valid RPM value is in the process of being generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com