Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8215CSD Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX8215CSD
Description  ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215CSD Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX8215CSD Datasheet HTML 4Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 5Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 6Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 7Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 8Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 9Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 10Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 11Page - Maxim Integrated Products MAX8215CSD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 2005 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
___________________________________________Package Information (continued)
L
DIM
A
A1
B
C
D
E
e
H
h
L
α
MIN
0.053
0.004
0.014
0.007
0.337
0.150
0.228
0.010
0.016
0˚
MAX
0.069
0.010
0.019
0.010
0.344
0.157
0.244
0.020
0.050
8˚
MIN
1.35
0.10
0.35
0.19
8.55
3.80
5.80
0.25
0.40
0˚
MAX
1.75
0.25
0.49
0.25
8.75
4.00
6.20
0.50
1.27
8˚
INCHES
MILLIMETERS
α
14-PIN PLASTIC
SMALL-OUTLINE
PACKAGE
H
E
D
e
A
A1
C
h x 45˚
0.127mm
0.004in.
B
1.27 BSC
0.050 BSC
21-331A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com