Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6872 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6872
Description  EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6872 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6872 Datasheet HTML 17Page - Maxim Integrated Products MAX6872 Datasheet HTML 18Page - Maxim Integrated Products MAX6872 Datasheet HTML 19Page - Maxim Integrated Products MAX6872 Datasheet HTML 20Page - Maxim Integrated Products MAX6872 Datasheet HTML 21Page - Maxim Integrated Products MAX6872 Datasheet HTML 22Page - Maxim Integrated Products MAX6872 Datasheet HTML 23Page - Maxim Integrated Products MAX6872 Datasheet HTML 24Page - Maxim Integrated Products MAX6872 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
EEPROM-Programmable, Hex/Quad,
Power-Supply Sequencers/Supervisors
______________________________________________________________________________________
21
Table 11 only applies to PO3 of the MAX6872 and PO1
of the MAX6873. Write a 0 to a bit to make the PO3/PO1
output independent of the respective signal (IN_ primary
or secondary thresholds, WD1 or WD2, GPI1–GPI4, MR,
or other programmable outputs). See Table 10 for
Product 1. PO3 (MAX6872)/PO1 (MAX6873) deasserts
when Product 1 or Product 2 = 1.
Table 11. PO3 (MAX6872)/PO1 (MAX6873) Output Dependency (Product 2)
REGISTER
ADDRESS
EEPROM
MEMORY
ADDRESS
BIT
OUTPUT ASSERTION CONDITIONS
[0]
1 = PO3/PO1 assertion depends on IN1 primary undervoltage threshold (Table 2).
[1]
1 = PO3/PO1 assertion depends on IN2 primary undervoltage threshold (Table 3).
[2]
1 = PO3/PO1 assertion depends on IN3 primary undervoltage threshold (Table 4).
[3]
1 = PO3/PO1 assertion depends on IN4 primary undervoltage threshold (Table 4).
[4]
1 = PO3 (MAX6872 only) assertion depends on IN5 primary undervoltage threshold (Table 4).
Must be set to 0 for the MAX6873.
[5]
1 = PO3 (MAX6872 only) assertion depends on IN6 primary undervoltage threshold (Table 4).
Must be set to 0 for the MAX6873.
[6]
1 = PO3/PO1 assertion depends on watchdog 1 (Tables 25 and 26).
19h
8019h
[7]
1 = PO3/PO1 assertion depends on watchdog 2 (Tables 25 and 26).
[0]
1 = PO3/PO1 assertion depends on IN1 secondary undervoltage/overvoltage threshold (Table 2).
[1]
1 = PO3/PO1 assertion depends on IN2 secondary undervoltage/overvoltage threshold (Table 3).
[2]
1 = PO3/PO1 assertion depends on IN3 secondary undervoltage/overvoltage threshold (Table 4).
[3]
1 = PO3/PO1 assertion depends on IN4 secondary undervoltage/overvoltage threshold (Table 4).
[4]
1 = PO3 (MAX6872 only) assertion depends on IN5 secondary undervoltage/overvoltage
threshold (Table 4). Must be set to 0 for the MAX6873.
[5]
1 = PO3 (MAX6872 only) assertion depends on IN6 secondary undervoltage/overvoltage
threshold (Table 4). Must be set to 0 for the MAX6873.
[6]
1 = PO3/PO1 assertion depends on GPI1 (Table 5).
1Ah
801Ah
[7]
1 = PO3/PO1 assertion depends on GPI2 (Table 5).
[0]
1 = PO3/PO1 assertion depends on GPI3 (Table 5).
[1]
1 = PO3/PO1 assertion depends on GPI4 (Table 5).
[2]
1 = PO3 (MAX6872 only) assertion depends on PO1 (Table 8). Must be set to 0 for the MAX6873.
[3]
1 = PO3 (MAX6872 only) assertion depends on PO2 (Table 9). Must be set to 0 for the MAX6873.
[4]
1 = PO3/PO1 assertion depends on PO4 (MAX6872)/PO2 (MAX6873) (Tables 12 and 13).
[5]
1 = PO3/PO1 assertion depends on PO5 (MAX6872)/PO3 (MAX6873) (Tables 14 and 15).
[6]
1 = PO3/PO1 assertion depends on PO6 (MAX6872)/PO4 (MAX6873) (Tables 16 and 17).
1Bh
801Bh
[7]
1 = PO3/PO1 assertion depends on PO7 (MAX6872)/PO5 (MAX6873) (Table 18).
1Ch
801Ch
[1]
1 = PO3 (MAX6872 only) assertion depends on PO8 (Table 19). Must be set to 0 for the MAX6873.
40h
8040h
[2]
1 = PO3/PO1 asserts when MR = low (Table 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com