Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6876 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX6876
Description  EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6876 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX6876 Datasheet HTML 17Page - Maxim Integrated Products MAX6876 Datasheet HTML 18Page - Maxim Integrated Products MAX6876 Datasheet HTML 19Page - Maxim Integrated Products MAX6876 Datasheet HTML 20Page - Maxim Integrated Products MAX6876 Datasheet HTML 21Page - Maxim Integrated Products MAX6876 Datasheet HTML 22Page - Maxim Integrated Products MAX6876 Datasheet HTML 23Page - Maxim Integrated Products MAX6876 Datasheet HTML 24Page - Maxim Integrated Products MAX6876 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
EEPROM-Programmable, Quad,
Power-Supply Tracker/Sequencer Circuit
______________________________________________________________________________________
21
command (Table 7). If a latch-on fault mode is chosen,
a toggle on the internal enable clears the latch condi-
tion and restarts the device after a fault condition
(Figure 7).
Reference Voltage Input (REFIN)
The MAX6876 features an internal +1.25V voltage refer-
ence. The voltage reference sets the threshold of the
voltage detectors. Leave REFIN unconnected when
using the internal reference. REFIN accepts an external
reference in the +1.225V to +1.275V range. Use Table
8 commands to select the external reference.
Track Enable Input (TRKEN)
The track enable (TRKEN) monitor input is another fea-
ture of the MAX6876. To enable voltage-tracking
power-up operation, drive TRKEN higher than 1.285V.
When TRKEN goes below 1.25V, OUT_ outputs start
tracking down. Connect TRKEN to an external resistor-
divider network to set the desired monitor threshold.
Connect TRKEN to ABP if not used.
SYNCH
The MAX6876 provides selectable tracking synchro-
nization output or input (SYNCH). SYNCH allows track-
ing of up to 16 power supplies on the same I2C bus.
One device is programmed as the SYNCH master and
the other devices are programmed as slaves. SYNCH
of the master device outputs the common ramp voltage
to which all OUT_ voltages are tracked. The SYNCH
pins of the slave devices are inputs for the ramp control
voltage (no internal ramp is generated in the slave
devices) (see Table 1).
Monitored Outputs
OUT1–OUT4
The MAX6876 monitors four OUT_ outputs to control
the tracking/sequencing performance. After the internal
supply (ABP) exceeds the minimum voltage (2.7V)
requirements, TRKEN > 1.25V, the internal ENABLE
input is logic high, and IN1–IN4 are all within their
selected thresholds, OUT1–OUT4 will begin to track or
sequence.
During power-up mode, the MAX6876 drives the gates
of the external n-channel FETs to force the OUT_ volt-
ages to track the internally set ramp voltage. If OUT_
voltages vary from the ramp voltage by more than
±125mV, an internal comparator signals an alert that
dynamically adjusts the ramp voltage (stops the ramp
until the slow OUT_ catches up). During power-down
mode, an internal pulldown resistor (100
Ω) on OUT_
can be enabled to help discharge load capacitance.
REGISTER
ADDRESS
EEPROM MEMORY
ADDRESS
BIT RANGE
DESCRIPTION
Bit 1—If 1, check ENABLE with I2C enable control bit
If 0, ignore ENABLE with I2C
09h
29h
[1:0]
Bit 0—If 0, enable with I2C = 0, I2C enable command bit
If 1, enable with I2C = 1
Table 7. Program ENABLE
REGISTER
ADDRESS
EEPROM MEMORY
ADDRESS
BIT RANGE
DESCRIPTION
11h
31h
0
Bit 0—If 1, selects external reference; 0 selects internal reference
Table 8. Select External Reference
ENABLE
INTERNAL
ENABLE
TRKEN
I2C ENABLE CONTROL BIT
(RAM REGISTER)
1 = YES
0 = NO
I2C ENABLE COMMAND BIT
(RAM REGISTER)
0 = OFF
1 = ON
09h[0]
09h[1]
VTRKEN
Figure 7. Logic ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com