Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX792C Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX792C
Description  Microprocessor and Nonvolatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792C Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX792C Datasheet HTML 8Page - Maxim Integrated Products MAX792C Datasheet HTML 9Page - Maxim Integrated Products MAX792C Datasheet HTML 10Page - Maxim Integrated Products MAX792C Datasheet HTML 11Page - Maxim Integrated Products MAX792C Datasheet HTML 12Page - Maxim Integrated Products MAX792C Datasheet HTML 13Page - Maxim Integrated Products MAX792C Datasheet HTML 14Page - Maxim Integrated Products MAX792C Datasheet HTML 15Page - Maxim Integrated Products MAX792C Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Microprocessor and Nonvolatile
Memory Supervisory Circuits
______________________________________________________________________________________
13
Chip-Enable Signal Gating
The MAX792/MAX820 provide internal gating of chip-
enable (CE) signals, which prevents erroneous data
from corrupting CMOS RAM in the event of an under-
voltage condition. The MAX792/MAX820 use a series
transmission gate from CE IN to CE OUT (Figure 1).
During normal operation (reset not asserted), the CE
transmission gate is enabled and passes all CE transi-
tions. When reset is asserted, this path becomes dis-
abled, preventing erroneous data from corrupting the
CMOS RAM. The 10ns max CE propagation delay from
CE IN to CE OUT enables the MAX792/MAX820 to be
used with most µPs. If CE IN is low when reset asserts,
CE OUT remains low for a short period to permit com-
pletion of the current write cycle.
Chip-Enable Input
The CE transmission gate is disabled and CE IN is high
impedance (disabled mode) while reset is asserted.
During a power-down sequence when VCC passes the
reset threshold, the CE transmission gate disables and
CE IN immediately becomes high impedance if the volt-
age at CE IN is high. If CE IN is low when reset is assert-
ed, the CE transmission gate will disable at the moment
CE IN goes high or 15µs after reset is asserted,
whichever occurs first (Figure 9). This permits the cur-
rent write cycle to complete during power-down.
During a power-up sequence, the CE transmission gate
remains disabled and CE IN remains high impedance
regardless of CE IN activity, until reset is deasserted fol-
lowing the reset timeout period.
While disabled, CE IN is high impedance. When the CE
transmission gate is enabled, the impedance of CE IN
will appear as a 75
Ω (VCC = 5V) resistor in series with
the load at CE OUT.
The propagation delay through the CE transmission
gate depends on VCC, the source impedance of the
drive connected to CE IN, and the loading on CE OUT
(see the Chip-Enable Propagation Delay vs. CE OUT
Load Capacitance graph in the Typical Operating
Characteristics). The CE propagation delay is produc-
tion tested from the 50% point on CE IN to the 50%
point on CE OUT using a 50
Ω driver and 50pF of load
capacitance (Figure 10). For minimum propagation
delay, minimize the capacitive load at CE OUT, and use
a low-output-impedance driver.
Chip-Enable Output
When the CE transmission gate is enabled, the imped-
ance of CE OUT is equivalent to 75
Ω in series with the
source driving CE IN. In the disabled mode, the 75
Ω
transmission gate is off and an active pull-up connects
from CE OUT to VCC. This source turns off when the
transmission gate is enabled.
Applications Information
Connect a 0.1µF ceramic capacitor from VCC to GND,
as close to the device pins as possible. This reduces
the probability of resets due to high-frequency power-
supply transients. In a high-noise environment, addi-
tional bypass capacitance from VCC to ground may be
required. If long leads connect to the chip inputs,
ensure that these lines are free from ringing, etc., which
would forward bias the chip’s protection diodes.
VCC
CE IN
RESET
THRESHOLD
CE OUT
RESET
RESET
70
µs
15
µs
70
µs
Figure 9. Reset and Chip-Enable Timing
MAX792
MAX820
50
Ω DRIVER
13
14
12
+5V
GND
CLOAD
3
VCC
CE IN
CE OUT
Figure 10. CE Propagation Delay Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com