Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54HC244 Datasheet(PDF) 4 Page - Motorola, Inc

Part # 54HC244
Description  Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

54HC244 Datasheet(HTML) 4 Page - Motorola, Inc

  54HC244 Datasheet HTML 1Page - Motorola, Inc 54HC244 Datasheet HTML 2Page - Motorola, Inc 54HC244 Datasheet HTML 3Page - Motorola, Inc 54HC244 Datasheet HTML 4Page - Motorola, Inc 54HC244 Datasheet HTML 5Page - Motorola, Inc 54HC244 Datasheet HTML 6Page - Motorola, Inc 54HC244 Datasheet HTML 7Page - Motorola, Inc 54HC244 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC54/74HC244A
MOTOROLA
High–Speed CMOS Logic Data
DL129 — Rev 6
4
SWITCHING WAVEFORMS
Figure 1.
Figure 2.
VCC
GND
tf
tr
DATA INPUT
A OR B
OUTPUT
YA OR YB
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
ENABLE
A OR B
OUTPUT Y
OUTPUT Y
50%
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
TEST CIRCUITS
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3. Test Circuit
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
Ω
PIN DESCRIPTIONS
INPUTS
A1, A2, A3, A4, B1, B2, B3, B4
(Pins 2, 4, 6, 8, 11, 13, 15, 17)
Data input pins. Data on these pins appear in noninverted
form on the corresponding Y outputs, when the outputs are
enabled.
CONTROLS
Enable A, Enable B (Pins 1, 19)
Output enables (active–low). When a low level is applied
to these pins, the outputs are enabled and the devices func-
tion as noninverting buffers. When a high level is applied, the
outputs assume the high impedance state.
OUTPUTS
YA1, YA2, YA3, YA4, YB1, YB2, YB3, YB4
(Pins 18, 16, 14, 12, 9, 7, 5, 3)
Device outputs. Depending upon the state of the output–
enable pins, these outputs are either noninverting outputs or
high–impedance outputs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com