Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6462XR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6462XR
Description  Ultra-Low-Power Voltage Detectors and uP Supervisory Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6462XR Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6462XR Datasheet HTML 1Page - Maxim Integrated Products MAX6462XR Datasheet HTML 2Page - Maxim Integrated Products MAX6462XR Datasheet HTML 3Page - Maxim Integrated Products MAX6462XR Datasheet HTML 4Page - Maxim Integrated Products MAX6462XR Datasheet HTML 5Page - Maxim Integrated Products MAX6462XR Datasheet HTML 6Page - Maxim Integrated Products MAX6462XR Datasheet HTML 7Page - Maxim Integrated Products MAX6462XR Datasheet HTML 8Page - Maxim Integrated Products MAX6462XR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ultra-Low-Power Voltage Detectors and
µP Supervisory Circuits
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +1.2V to +6V, TA = -40°C to +125°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND unless otherwise noted.)
VCC, Open-Drain OUT..............................................-0.3V to +7V
Push-Pull OUT/OUT....................................-0.3V to (VCC + 0.3V)
Input/Output Current (all pins) ............................................20mA
Output Short Circuit (VCC or GND)
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.9mW/°C above +70°C) ...........228.6mW
3-Pin SOT23 (derate 4.0mW/°C above +70°C)............320mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +125°C
1
6
Operating Voltage Range
VCC
TA = -40°C to 0°C
1.2
6.0
V
VCC = 3.6V, TA = -40°C to +125°C,
no load, output not asserted
12
VCC = 5.0V, TA = -40°C to +85°C,
no load, output not asserted
1.3
2.5
VCC Supply Current
ICC
VCC = 5.0V, TA = +85°C to +125°C,
no load, output not asserted
3.5
µA
VCC rising, TA = +25°C
(VTH+)
× 0.985
VTH+
(VTH+)
× 1.015
VTH+
VCC rising, TA = -40°C to +125°C
(VTH+)
× 0.975
(VTH+)
× 1.025
VCC falling, TA = +25°C
(VTH-)
× 0.985
VTH-
(VTH-)
× 1.015
Voltage Threshold
(Note 2)
VTH-
VCC falling, TA = -40°C to +125°C
(VTH-)
× 0.975
(VTH-)
× 1.025
V
Voltage Threshold Hysteresis
VHYST
VHYST = [(VTH+) - (VTH-)] / (VTH-)]
× 100%
3
4.5
6
%
VCC falling at 10mV/µs from
(VTH-) + 100mV to (V TH-) - 100mV
17
Propagation Delay
tP
VCC rising at 10mV/µs
from (VTH+) - 100mV to
(VTH+) + 100mV
MAX6461/
MAX6462/
MAX6463 only
100
µs
Startup Time
(MAX6461/MAX6462/MAX6463)
225
µs
Output Timeout Period
(MAX6464/MAX6465/MAX6466)
tRP
150
260
430
ms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com