Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6375XR Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6375XR
Description  3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6375XR Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6375XR Datasheet HTML 1Page - Maxim Integrated Products MAX6375XR Datasheet HTML 2Page - Maxim Integrated Products MAX6375XR Datasheet HTML 3Page - Maxim Integrated Products MAX6375XR Datasheet HTML 4Page - Maxim Integrated Products MAX6375XR Datasheet HTML 5Page - Maxim Integrated Products MAX6375XR Datasheet HTML 6Page - Maxim Integrated Products MAX6375XR Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3-Pin, Ultra-Low-Power SC70/SOT23
Voltage Detectors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C and VCC = 3V.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ...........................................................................-0.3V to +6V
OUT, OUT (push-pull) ................................-0.3V to (VCC + 0.3V)
OUT (open-drain) .....................................................-0.3V to +6V
Input Current (VCC) .............................................................20mA
Output Current (OUT, OUT) ................................................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SC70 (derate 2.17mW/°C above +70°C) ...........174mW
3-Pin SOT23 (derate 4mW/°C above +70°C)..............320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
Note 1: Production tested at +25°C only. Overtemperature limits are guaranteed by design, not production tested.
42
VCC = (VTH - 100mV) to (VTH + 100mV)
ISINK = 100µA, VCC
≥ 1.2V, OUT asserted
0.4
VOL
OUT Output Voltage
(MAX6375/MAX6377/
MAX6378/MAX6380)
ISINK = 1.6mA, VCC > 2.1V, OUT asserted
0.3
V
MAX6375/76/77 only, VCC = 3.0V for VTH
≤ 2.93V,
VCC = 3.2V for VTH > 2.93V, no load
ISOURCE = 500µA, VCC = 3.2V, MAX6375 only
VOH
ISOURCE = 800µA, VCC = 4.5V, VTH
≤ 4.38V
OUT Output Voltage
(MAX6375/MAX6377)
ISOURCE = 800µA, VCC = VTH(MAX), VTH
≥ 4.5V
V
TA = -40°C to +85°C
TA = 0°C to +70°C
CONDITIONS
ppm/°C
40
∆VTH/°C
Voltage Threshold Tempco
V
VCC Operating Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VCC = (VTH + 100mV) to (VTH - 100mV)
µs
20
Propagation Delay
MAX6375/MAX6376/MAX6377
6.3
MAX6378/MAX6379/MAX6380
9.5
mV
Voltage Threshold
Hysteresis
0.1
µA
Open-Drain OUT Output
Leakage Current
0.8 ✕ VCC
0.8 ✕ VCC
0.8 ✕ VCC
1.0
5.5
1.2
5.5
TA = -40°C to +85°C
TA = +25°C
Table 1
VTH - 2.5% VTH VTH + 2.5%
VTH
V
VTH - 1.5% VTH VTH + 1.5%
Voltage Threshold
VCC = 5.5V, no load
ICC
Supply Current
0.5
1.0
µA
1.0
1.75
ISOURCE = 500µA, VCC
≥ 2.1V, OUT asserted
0.8 ✕ VCC
0.8 ✕ VCC
ISINK = 1.2mA, VCC
≥ 3.2V, OUT not asserted,
MAX6376 only
0.3
ISOURCE = 50µA, VCC
≥ 1.2V, OUT asserted
VOH
V
ISINK = 3.2mA, VCC
≥ 4.5V, OUT not asserted,
VTH
≤ 4.38V
0.4
ISINK = 3.2mA, VCC = VTH(MAX), VTH
≥ 4.5V
0.4
VOL
OUT Output Voltage
(MAX6376/MAX6379)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com