Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXE554124 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AXE554124
Description  The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE554124 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AXE554124 Datasheet HTML 1Page - Panasonic Semiconductor AXE554124 Datasheet HTML 2Page - Panasonic Semiconductor AXE554124 Datasheet HTML 3Page - Panasonic Semiconductor AXE554124 Datasheet HTML 4Page - Panasonic Semiconductor AXE554124 Datasheet HTML 5Page - Panasonic Semiconductor AXE554124 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AXE5, 6
ORDERING INFORMATION
The 2.5 mm wide ultra-slim body
contributes to further
miniaturization and functionality
enhancement of target equipment.
NARROW PITCH (0.4 mm)
CONNECTORS
ADVANCED SERIES
A4S
For Board-to-FPC
FEATURES
1. 2.5 mm wide ultra-slim two-piece
connectors
The ultra-compact and slim body
contributes to further miniaturization and
functionality enhancement of target
equipment.
<Compared with our existing model
(F4S, 40 contacts, when mated)>
• Width: 30% down
• Footprint: 30% down
2. “
”
structure adopted to ensure high
resistance to various environments in
spite of the ultra-slim and low profile
body
3. The simple lock structure for good
mating/unmating operation feel.
4. Mated heights of 0.8 and 1.0 mm are
available for the same foot pattern.
5. Connectors for inspection available
(See page 31 for details of the structure)
APPLICATIONS
Recommended for board-to-FPC
connections of mobile equipment,
such as cellular phones, smart
phones, notebook PCs, and portable
music players
Socket
Header
Compliance with RoHS Directive
A4S
0.8
2.5
3.6
1.0
F4S
Simple lock
Double contact
V-notch
Simple lock structure
The connector gives the tactile feedback
when inserted, allowing reliable mating.
Surface treatment (Contact portion / Terminal portion)
<Socket>
4: Ni plating on base, Au plating on surface (for Ni barrier available)
<Header>
4: Ni plating on base, Au plating on surface
5: Narrow Pitch Connector A4S (0.4 mm pitch) Socket
6: Narrow Pitch Connector A4S (0.4 mm pitch) Header
Mated height
<Socket>
1: For mated height 0.8/1.0 mm
<Header>
1: For mated height 0.8 mm
2: For mated height 1.0 mm
AXE
1
2
4
Number of contacts (2 digits)
Functions
2: Without positioning bosses
panasonic-electric-works.net/ac


Similar Part No. - AXE554124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE554124 PANASONIC-AXE554124 Datasheet
299Kb / 10P
Narrow pitch connectors (0.4mm pitch)
More results

Similar Description - AXE554124

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC908JL8 MOTOROLA-MC68HC908JL8 Datasheet
2Mb / 288P
Motorola reserves the right to make changes without further notice to any products herein
logo
Omron Electronics LLC
E39-RSB OMRON-E39-RSB Datasheet
2Mb / 21P
Photoelectric Sensor with Built-in Amplifier Contributes to Equipment Downsizing
logo
ALPS ELECTRIC CO.,LTD.
RDC10 ALPS-RDC10_15 Datasheet
1Mb / 6P
The high accuracy space saving design contributes to reduced weight and size of sets
RKJXL ALPS-RKJXL_15 Datasheet
743Kb / 3P
Low-profile 6.4mm height contributes to flexibility in set design
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
The thinnest possible body contributes to reduced size, height and weight of the set product
SKSV ALPS-SKSV Datasheet
837Kb / 3P
Width of 1.9mm contributes to thinner product designs and greater mounting efficiency
RSN11S ALPS-RSN11S Datasheet
816Kb / 5P
The thinnest possible body contributes to reduced size, height and weight of the set product
logo
HOKURIKU ELECTRIC INDUS...
HAP-BME-20-13N01 HOKURIKU-HAP-BME-20-13N01 Datasheet
362Kb / 1P
Industry-thinnest contributes miniaturization of application
logo
Hirose Electric
FI HIROSE-FI_10 Datasheet
1Mb / 7P
1.27 mm contact pitch contributes to downsizing of electrical devices.
logo
ALPS ELECTRIC CO.,LTD.
SKTA ALPS-SKTA Datasheet
354Kb / 3P
1.6mm width contributes to thinner devices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com