Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEM161 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TEM161
Description  Thermoelectric Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TEM161 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TEM161 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thermoelectric
Module
Construction
N-andP-typesemiconductorelementsareconnectedinaspecificsequenceandsolderedbetween
two ceramic plates. Direct voltage, applied to the TEM’s leads, provides heat absorption on the surface
of one of the ceramic plates and heat emanation at the opposite plate. Thus, the effect of heat pump is
achieved. The temperature difference between the opposite sides of TEM may reach up to 70 °C.
The thermoelectric Module (TEM) is a solid
semiconductor thermoelectric device. Its operation
is based on the Peltier effect. For containers of
limited dimensions TEM provides and maintains
volume temperature below ambient temperature.
Type
Paramertres
Thick-
ness,
mm
I
max,А
U
max,В
Q
max, W
DТ
max,К
R,Ом
One stage TEMs
TEM31-1,4-1,620,0х20,0
6
4
≥13
≥70
0,5
3,4
TEM71-1,4-1,630,0х30,0
6
9
≥29
≥70
1,2
3,4
TEM127-1,4-1,638,0х38,0
6
16
≥53
≥70
2,2
3,4
TEM127-1,4-1,640,0х40,0
6
16
≥53
≥70
2,2
4,0
TEM2x63-1,4-1,6*40,0х40,0
6
8 x 2
≥27,0x2
≥70
1,1
3,4
TEM199-1,4-1,650,0х50,0
6
25
≥84
≥70
3,5
3,4
TEM127-2,0-1,251,0х51,0
16
16
≥148
≥69
0,8
3,1
TЭM127-1,0-1,230,0x30,0
3,6
14,2
≥34
≥70
3,2
3,1
TЭM127-1,0-1,630,0x30,0
2,6
13,5
≥25
≥70
4,3
3,5
TЭM127-1,0-2,030,0x30,0
2,1
13,2
≥20
≥70
5,4
3,9
TЭM127-1,0-2,530,0x30,0
1,6
12,2
≥16
≥70
6,7
4,4
TЭM127-1,4-1,240,0x40,0
7,1
14,5
≥67
≥70
1,7
3,6
TЭM127-1,4-2,540,0x40,0
3,6
15,0
≥33
≥70
3,4
4,9
TЭM241-1,0-1,640,0x40,0
2,6
26,0
≥48
≥70
8,2
3,5
TЭM161-1,2-1,540,0x40,0
4,1
18,0
≥50
≥70
3,6
3,4
TЭM199-1,4-1,250,0x50,0
7,1
22,5
≥100
≥70
2,6
3,1
TЭM127-2,0-1,651,0x51,0
11,1
14,5
≥100
≥70
1,1
3,4
TЭM72-3,0-1,451,0x51,0
11,6
3,5
≥85
≥50
0,24
4,15
TЭM219-1,4-1,654,0x54,0
5,6
26,0
≥89
≥70
3,93
3,5
TЭM241-1,4-1,254,4x54,4
7,1
27,5
≥120
≥70
3,1
3,1
Two stage TEMs
2TEM72/127-240,0х40,0
5
16
≥34
≥70
2,6
7,3
2TEM128/127-140,0х40,0
6
16
≥35
≥70
2,4
7,1
2TEM72/127-340,0х40,0
7,5
20
≥36
≥70
2,0
7,8
RIF Corporation manufactures according to your request a TEM having heat transfer
surfaces from 20x20mm2 up to 51x51mm2 with the current maximum from 2 up to 100A
and a maximum ∆T of about 70 K.
5
http://www.rifcorp.ru/
e-mail: corporation@rifcorp.ru
Microelectronics • Thick-Film
Heating • Thermoelectric Cooling


Similar Part No. - TEM161

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
15 Watts AC/DC Medical Power Modules
TEM15-S12 TRUMPOWER-TEM15-S12 Datasheet
88Kb / 2P
15 Watts AC/DC Medical Power Modules
TEM15-S15 TRUMPOWER-TEM15-S15 Datasheet
88Kb / 2P
15 Watts AC/DC Medical Power Modules
TEM15-S24 TRUMPOWER-TEM15-S24 Datasheet
88Kb / 2P
15 Watts AC/DC Medical Power Modules
TEM15-S3.3 TRUMPOWER-TEM15-S3.3 Datasheet
88Kb / 2P
15 Watts AC/DC Medical Power Modules
More results

Similar Description - TEM161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPE-71-10-08 ETC2-HPE-71-10-08 Datasheet
506Kb / 3P
Thermoelectric module
HPE-288-10-05 ETC2-HPE-288-10-05 Datasheet
583Kb / 3P
Thermoelectric module
HPE-288-10-08 ETC2-HPE-288-10-08 Datasheet
564Kb / 3P
Thermoelectric module
HPE-288-14-06 ETC2-HPE-288-14-06 Datasheet
412Kb / 3P
Thermoelectric module
PE1-7107AC ETC2-PE1-7107AC Datasheet
127Kb / 2P
Thermoelectric module
logo
RMT Ltd.
1MC04-024-05 RMT-1MC04-024-05 Datasheet
250Kb / 4P
Thermoelectric Module
1MC06-012-05 RMT-1MC06-012-05 Datasheet
250Kb / 4P
Thermoelectric Module
1MC04-024-05H RMT-1MC04-024-05H Datasheet
248Kb / 4P
Thermoelectric Module
1MC06-060-05 RMT-1MC06-060-05 Datasheet
250Kb / 4P
Thermoelectric Module
1MC06-105-05 RMT-1MC06-105-05 Datasheet
252Kb / 4P
Thermoelectric Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com