Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH28 Datasheet(PDF) 3 Page - Hirose Electric

Part # FH28
Description  0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH28 Datasheet(HTML) 3 Page - Hirose Electric

  FH28 Datasheet HTML 1Page - Hirose Electric FH28 Datasheet HTML 2Page - Hirose Electric FH28 Datasheet HTML 3Page - Hirose Electric FH28 Datasheet HTML 4Page - Hirose Electric FH28 Datasheet HTML 5Page - Hirose Electric FH28 Datasheet HTML 6Page - Hirose Electric FH28 Datasheet HTML 7Page - Hirose Electric FH28 Datasheet HTML 8Page - Hirose Electric FH28 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FH28 Seriesq0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
1
2
0
0.1MAX
0.05MAX
Number of contacts indicator
Polarizing mark indicator
(1.3)
(2.85)
(3.65)
0.1MAX
0.05MAX
1
2
B
A
0.5
(0.2)
4.5
0.7
1.2
C(FPC/FFC insertion slot dimension)
D
6.5
5.7
E
0
sConnector Dimensions
Standard type
Unit: mm
Note 1: Tape and reel packaging.
Order by number of reels.
Note 2: Metal fittings protruded type (FH28E) is available.
Contact Hirose for details.
Note 3: **Indicates the specification. For details, please refer to ordering information.
Part Number
FH28-10S-0.5SH(**)
FH28-15S-0.5SH(**)
FH28D-20S-0.5SH(**)
FH28D-28S-0.5SH(**)
FH28D-30S-0.5SH(**)
FH28-40S-0.5SH(**)
FH28-45S-0.5SH(**)
FH28D-50S-0.5SH(**)
FH28D-55S-0.5SH(**)
FH28-60S-0.5SH(**)
FH28D-64S-0.5SH(**)
FH28D-68S-0.5SH(**)
FH28D-74S-0.5SH(**)
CL586-1861-4-**
CL586-1868-3-**
CL586-1823-5-**
CL586-1835-4-**
CL586-1827-6-**
CL586-1803-8-**
CL586-1848-6-**
CL586-1808-1-**
CL586-1821-0-**
CL586-1811-6-**
CL586-1813-1-**
CL586-1819-8-**
CL586-1828-9-**
10
15
20
28
30
40
45
50
55
60
64
68
74
4.5
7
9.5
13.5
14.5
19.5
22
24.5
27.0
29.5
31.5
33.5
36.5
9.9
12.4
14.9
18.9
19.9
24.9
27.4
29.9
32.4
34.9
36.9
38.9
41.9
5.57
8.07
10.57
14.57
15.57
20.57
23.07
25.57
28.07
30.57
32.57
34.57
37.57
9.58
12.08
14.58
18.58
19.58
24.58
27.08
29.58
32.08
34.58
36.58
38.58
41.58
CL No.
Number of contacts
A
B
C
D
Notes
1 The coplanarity of each terminal lead is within 0.1.
2 The contact terminal lead position indicates the dimension from the E surface, the bottom surface of the insulator body.
3 Packaged on tape and reel only. Check packaging specification.
4 Sight variations in color of the plastic compounds do not affect form, fit or function.
5 After reflow, the terminal plating may change color, however this does not represent a quality issue.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com