Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNP600 Datasheet(PDF) 13 Page - Power-One

Part # FNP600
Description  600-to-5000-Watt Front-End Power Solutions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP600 Datasheet(HTML) 13 Page - Power-One

Back Button FNP600 Datasheet HTML 7Page - Power-One FNP600 Datasheet HTML 8Page - Power-One FNP600 Datasheet HTML 9Page - Power-One FNP600 Datasheet HTML 10Page - Power-One FNP600 Datasheet HTML 11Page - Power-One FNP600 Datasheet HTML 12Page - Power-One FNP600 Datasheet HTML 13Page - Power-One FNP600 Datasheet HTML 14Page - Power-One FNP600 Datasheet HTML 15Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
BCD20034-G Rev. AD, 11-May-10
Page 13 of 15
www.power-one.com
FNP600/850/1000 AC-DC Front-Ends
& FNR-5-12G/FNR-5-48G Power Shelves Data Sheet
SUB-D Output Connector Pinout and Signal Specification (continued)
Output Connector
Description
Pin
Location
Type
Low level
High level
V max
I max
AC Fail/
Power-down warning
PSU 2
22
OC-output, protected by 16 V Zener diode
and a 10 Ω resistor in series, referenced to logic GND
<0.4 V @ 20
mA
Pull up
15 V
20 mA
DC Fail/
Output voltage fault
PSU 2
23
OC-output, protected by 16 V Zener diode
and a 10 Ω resistor in series, referenced to logic GND
<0.4 V @ 20
mA
Pull up
15 V
20 mA
DATA, I2C data line
24
I2C compatible signal
referenced to logic GND
5 V or 3.3 V
logic
-
CLOCK, I2C clock line
25
I2C compatible signal
referenced to logic GND
5 V or 3.3 V
logic
-
Auxiliary power +12 V
(Output 2)
26
Vo2+ Aux output, insulated from main output
-
-
Auxiliary power
ground
(Output 2)
27
Vo2- Aux output, insulated from main output
-
-
Logic Gnd
28
Auxiliary GND, Need to be external connected Vo2-,.
Wire separately from auxiliary and main output GND
to minimize noise and avoid voltage drops on signal-
and I2C return. Leave open if not used.
-
-
Output margin PSU 1
29
Open or connected to V sense-
V sense- (+8 % Vo1) or V sense+ (-8 % Vo1)
-
-
60V
-
Output margin PSU 2
30
Open or connected to V sense-
V sense- (+8 % Vo1) or V sense+ (-8 % Vo1)
-
-
60V
-
Output margin PSU 3
31
Open or connected to V sense-
V sense- (+8 % Vo1) or V sense+ (-8 % Vo1)
-
-
60V
-
Output margin PSU 4
32
Open or connected to V sense-
V sense- (+8 % Vo1) or V sense+ (-8 % Vo1)
-
-
60V
-
Output margin PSU 5
33
Open or connected to V sense-
V sense- (+8 % Vo1) or V sense+ (-8 % Vo1)
-
-
60V
-
Overtemperature /
Fan Fail PSU 4
34
OC-output, protected by 16 V Zener diode
and a 10 Ω resistor in series, referenced to logic GND
<0.4 V @ 20
mA
Pull up
15 V
20 mA
Power Supply Present
PSU 4
35
Resistor 10 Ω connected to logic GND
Open
Pull up
10 V
10 mA
Overtemperature /
Fan Fail PSU 5
36
OC-output, protected by 16 V Zener diode
and a 10 Ω resistor in series, referenced to logic GND
<0.4 V @ 20
mA
Pull up
15 V
20 mA
Power Supply Present
PSU 5
37
Resistor 10 Ω connected to logic GND
Open
Pull up
10 V
10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com