Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXI-PCI8331 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # PXI-PCI8331
Description  Multichassis configurations for PXI and CompactPCI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-PCI8331 Datasheet(HTML) 2 Page - National Instruments Corporation

  PXI-PCI8331 Datasheet HTML 1Page - National Instruments Corporation PXI-PCI8331 Datasheet HTML 2Page - National Instruments Corporation PXI-PCI8331 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Requirements
Physical
Dimensions
PCI-8331/6 ...................................... 10.7 by 17.5 cm (4.2 by 6.9 in.)
PXI-8331/6 ...................................... 3U-size module, 10.0 by 16.0 cm (3.9 by 6.3 in.)
Slot requirements .................................. One 3U PXI system controller slot or peripheral slot
Maximum cable lengths
8331 (copper) .................................. 10 m
8336 (fiber) ...................................... 200 m
Compatibility .......................................... Fully compatible with PXI Hardware
.................................................... Specification 2.1, and the PCI
.................................................... Specification 2.2
Operating Environment
Temperature .............................................. 0 to 55 °C (tested in accordance with IEC-60068-2-1
and IEC-60068-2-2.)
Relative humidity .................................... 10 to 90% (tested in accordance with IEC-60068-2-56.)
Storage Environment
Temperature ................................................ –20 to 70 °C (tested in accordance with IEC-60068-2-1
and IEC-60068-2-2.)
Relative humidity .................................... 5 to 95% noncondensing (tested in accordance
with IEC-60068-2-56.)
Shock and Vibration
Operational Shock 30 g peak, half-sine, 11 ms pulse (Tested in accordance with IEC-60068-2-27.
Test profile developed in accordance with MIL-PRF-28800F.)
Random Vibration
Operating .............................................. 5 to 500 Hz, 0.3 grms
Nonoperating ........................................ 5 to 500 Hz, 2.4 grms
(Tested in accordance with IEC-60068-2-64. Nonoperating profile exceeds the requirements of
MIL-PRF-28800F, Class 3.)
*Specifications subject to change without notice
Note: For full EMC compliance, you must operate this device with shielded cabling. In addition, all
covers and filler panels must be installed. Refer to the Declaration of Conformity (DoC) for this
product for any additional regulatory compliance information. To obtain the DoC for this product,
click Declaration of Conformity at ni.com/hardref.nsf/. This Web site lists the DoCs by product
family. Select the appropriate product family, followed by your product, and a link to the DoC appears
in Adobe Acrobat format. Click the Acrobat icon to download or read the DoC.
Specifications
PC Control of PXI (MXI-4)
2 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
For online configuration of a complete PXI system, including
chassis, modules, and all accessories, visit ni.com/pxiadvisor.
MXI-4 Kits for PXI/CompactPCI
NI PXI-PCI8331 with 3 m copper cable..........................778640-03
NI PXI-PCI8336 with 10 m fiber-optic cable
(isolated)..............................................................................778641-10
(Kit includes one PCI MXI-4 board (PCI-833x), one PXI MXI-4 module (PXI-833x)
module, and one cable).
PXI MXI-4 Interface Modules
NI PXI-8331 (copper)........................................................778955-01
NI PXI-8336 (fiber-optic)..................................................778957-01
PCI MXI-4 Interface Boards
NI PCI-8331 (copper)........................................................778956-01
NI PCI-8336 (fiber-optic)..................................................778958-01
MXI-4 Cables
Copper
3 m ..................................................................................190957-03
5 m ..................................................................................190957-05
10 m ................................................................................190957-10
Fiber-optic
10 m ................................................................................778959-10
30 m ................................................................................778959-30
200 m ............................................................................778959-200
BUY ONLINE!
Visit ni.com/info and enter pxi-pci833x.
Ordering Information
Current (ADC)
Volts
Typical
Maximum
Typical
Maximum
PCI-8331, PXI-8331 PCI-8331, PXI-8331
PCI-8336, PXI-8336 PCI-8336, PXI-8336
+3.3
0.25
0.30
0.35
0.4
+5
1.5
1.7
1.5
1.7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com