Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NISCXI-1190 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NISCXI-1190
Description  4x1 unterminated multiplexer/50 characteristic impedance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1190 Datasheet(HTML) 3 Page - National Instruments Corporation

  NISCXI-1190 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1190 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1190 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SCXI-1191, PXI-2591
Input Characteristics
Number of channels per bank ......................... 4
Number of banks.............................................. 4
SCXI-1191 .................................................. 4
PXI-2591..................................................... 1
Input voltage
Channel-to-ground..................................... 30 Vrms/VDC
Maximum switching voltage
AC ............................................................ 30 Vrms
DC ............................................................ 30 VDC
Maximum switching capacity per channel
AC. ............................................................ 0.33 A at 30 Vrms
DC ............................................................ 0.33 A at 30 VDC
Maximum switching power per channel ......... 10 W
Contact on resistance (initial) .......................... 200 mΩ maximum
Contact material .............................................. Gold
RF Performance Characteristics
Characteristic impedance (Z0 ) ........................ 50 Ω
Insertion loss
2.5 GHz ...................................................... <0.6 dB
4 GHz ......................................................... <0.9 dB
VSWR
2.5 GHz ...................................................... <1.3
4 GHz ......................................................... <1.5
Isolation
2.5 GHz ...................................................... >60 dB
4 GHz ......................................................... >55 dB
Maximum RF carry power at 900 MHz ............ 10 W
Dynamic Characteristics
Relay operate time (at 20 °C)
Typical........................................................ 15 ms
Relay release time (at 20 °C)
Typical........................................................ 15 ms
Expected life
Mechanical (no load)................................. 5x106 operations
Electrical (maximum switching capacity).. 105 operations
Caution: Exceeding the maximum switching capability decreases expected life.
Power Requirement
+5 VDC ........................................................... 950 mW maximum (all relays closed)
Physical
Dimensions
SCXI-1191 .................................................. 17.3 by 19.6 by 3.0 cm (6.81 by 7.70 by 1.19 in.)
PXI-2591..................................................... 10 by 16 by 4 cm (3.9 by 6.3 by 1.6 in.)
I/O connector.................................................... 5 SMA female per bank
Environment
Operating temperature..................................... 0 to 50 °C
Storage temperature ........................................ -20 to 70 °C
Relative humidity ............................................. 5 to 85% noncondensing
SCXI-1192
Input Characteristics
Number of relays.............................................. 8 SPDT (latching)
Input voltage
Channel-to-ground..................................... 30 Vrms/VDC
Maximum switching voltage............................ 30 VDC
Maximum carry current per channel................ 2 ADC
Maximum continuous carry power per channel
1 to 3 GHz .................................................. 120 W
3 to 8 GHz .................................................. 80 W
8 to 12.4 GHz ............................................. 60 W
12.4 to 18 GHz ........................................... 50 W
The total input power for all relays combined should not exceed the preceding specifications.
When using multiple relays, refer to table below for adjusted maximum input power
Contact resistance (initial) ............................... 100 mΩ maximum
Contact material............................................... Gold plate
RF Performance Characteristics
Characteristic impedance (Z0) ......................... 50 Ω
Insertion loss at:
≤4 GHz ....................................................... ≤0.2 dB
4 to 8 GHz .................................................. ≤0.3 dB
8 to 12.4 GHz ............................................. ≤0.4 dB
12.4 GHz to 18 GHz ................................... ≤0.5 dB
VSWR at:
≤1 GHz ....................................................... ≤1.1
1 to 4 GHz .................................................. ≤1.15
4 to 8 GHz .................................................. ≤1.25
8 to 12.4 GHz ............................................. ≤1.35
12.4 to 18 GHz ........................................... ≤1.5
Isolation:
≤1 GHz ....................................................... ≥85 dB
1 to 4 GHz .................................................. ≥80 dB
4 to 8 GHz .................................................. ≥70 dB
8 to 12.4 GHz ............................................. ≥65 dB
12.4 to 18 GHz ........................................... ≥60 dB
Dynamic Characteristics
Relay operate time (at 20 °C)
Typical........................................................ 15 ms
Relay release time (at 20 °C)
Typical........................................................ 15 ms
Expected life
Mechanical (no load)................................. 5x106 operations
Electrical at 5 W........................................ 5x106 operations (to 3 GHz, 50 Ω, VSWR maximum 1.2)
Caution: Exceeding these electrical parameters decreases expected life.
Power Requirement
+5 VDC ............................................................ 800 mA, maximum
Physical
Dimensions....................................................... 17.3 by 19.6 by 3.0 cm (6.81 by 7.70 by 1.19 in.)
I/O connector.................................................... 24 SMA female
Environment
Operating temperature..................................... 0 to 50 °C
Storage temperature ........................................ -20 to 70 °C
Relative humidity ............................................. 5 to 85% noncondensing
SCXI-1163R
Input Characteristics
Number of relays.............................................. 32 organized as 8 optically isolated banks of 4 relays each
Relay type......................................................... Normally open (Form A). solid-state relays
Maximum switching voltage
AC ............................................................ 240 VAC
DC ............................................................ 240 VDC
Maximum switching capacity .......................... 200 mA
Commonmode isolation ................................... 250 Vrms between banks, and bank to ground
On-resistance ................................................... 8 Ω
Output capacitance .......................................... 110 pF at 50 V, 1 MHz
Leakage current................................................ 1 µA maximum
Transfer rate in serial mode1
(1 word = 32 bits) ...................................... 750 words/s
Relay set time .................................................. 0.6 ms
Relay reset time ............................................... 0.1 ms
Power-on state ................................................. Relays open
Switch Specifications
505
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Active Relays
1 to 3 GHz
3 to 8 GHz
8 to 12.4 GHz
12.4 to 18 GHz
1
120 W
80 W
60 W
50 W
2
60 W
40 W
30 W
25 W
4
30 W
20 W
15 W
12.5 W
8
15 W
10 W
7.5 W
6.25 W
Specifications (continued)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com