Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-6501 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # USB-6501
Description  Small, portable digital I/O device/24 digital I/O lines, one 32-bit counter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6501 Datasheet(HTML) 4 Page - National Instruments Corporation

  USB-6501 Datasheet HTML 1Page - National Instruments Corporation USB-6501 Datasheet HTML 2Page - National Instruments Corporation USB-6501 Datasheet HTML 3Page - National Instruments Corporation USB-6501 Datasheet HTML 4Page - National Instruments Corporation USB-6501 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Electromagnetic Compatibility
Emissions ............................................
EN 55011 Class A at 10 m
FCC Part 15A above 1 GHz
Immunity..............................................
Industrial levels per
EN 61326:1997 + A2:2001,
Table 1
EMC/EMI.............................................
CE, C-Tick, and FCC Part 15
(Class A) Compliant
Note: For EMC compliance, operate this device with shielded cabling.
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
Low-Voltage Directive (safety) ...........
73/23/EEC
Electromagnetic Compatibility
Directive (EMC)...............................
89/336/EEC
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Safety Guidelines
Caution: Operate the hardware only as described in these operating
instructions.
The following section contains important safety information that you
must follow when installing and using the USB-6501.
Do not operate the USB-6501 in a manner not specified in this document.
Misuse of the device can result in a hazard. You can compromise the
safety protection built into the device if the device is damaged in any
way. If the device is damaged, contact National Instruments for repair.
Do not substitute parts or modify the device except as described in this
document. Use the device only with the chassis, modules, accessories,
and cables specified in the installation instructions. You must have all
covers and filler panels installed during operation of the device.
Do not operate the device in an explosive atmosphere or where there
may be flammable gases or fumes. If you must operate the device in
such an environment, it must be in a suitably rated enclosure.
If you need to clean the device, use a dry cloth. Make sure that the
device is completely dry and free from contaminants before returning it
to service. Operate the device only at or below Pollution Degree 2.
Pollution is foreign matter in a solid, liquid, or gaseous state that can
reduce dielectric strength or surface resistivity. The following is a
description of pollution degrees:
• Pollution Degree 1 means no pollution or only dry, nonconductive
pollution occurs. The pollution has no influence.
• Pollution Degree 2 means that only nonconductive pollution occurs in
most cases. Occasionally, however, a temporary conductivity caused
by condensation must be expected.
• Pollution Degree 3 means that conductive pollution occurs, or dry,
nonconductive pollution occurs that becomes conductive due to
condensation.
You must insulate signal connections for the maximum voltage for which
the device is rated. Do not exceed the maximum ratings for the device.
Do not install wiring while the device is live with electrical signals. Do
not remove or add connector blocks when power is connected to the
system. Avoid contact between your body and the connector block signal
when hot swapping modules. Remove power from signal lines before
connecting them to or disconnecting them from the device.
Operate the device at or below Measurement Category I1.
Measurement circuits are subjected to working voltages2 and transient
stresses (overvoltage) from the circuit to which they are connected
during measurement or test. Measurement categories establish
standard impulse withstand voltage levels that commonly occur in
electrical distribution systems. The following is a description of
measurement categories:
• Measurement Category I is for measurements performed on circuits
not directly connected to the electrical distribution system referred to
as MAINS3 voltage. This category is for measurements of voltages
from specially protected secondary circuits. Such voltage
measurements include signal levels, special equipment, limited-
energy parts of equipment, circuits powered by regulated low-voltage
sources, and electronics.
1
Measurement Category as defined in electrical safety standard IEC 61010-1. Measurement
Category is also referred to as Installation Category.
2
Working Voltage is the highest rms value of an AC or DC voltage that can occur across any
particular insulation.
3
MAINS is defined as a hazardous live electrical supply system that powers equipment.
Suitably rated measuring circuits may be connected to the MAINS for measuring purposes.
• Measurement Category II is for measurements performed on circuits
directly connected to the electrical distribution system. This category
refers to local-level electrical distribution, such as that provided by a
standard wall outlet (for example, 115 V for U.S. or 230 V for Europe).
Examples of Measurement Category II are measurements performed
on household appliances, portable tools, and similar E Series devices.
• Measurement Category III is for measurements performed in the
building installation at the distribution level. This category refers to
measurements on hard-wired equipment such as equipment in fixed
installations, distribution boards, and circuit breakers. Other examples
are wiring, including cables, bus-bars, junction boxes, switches,
socket-outlets in the fixed installation, and stationary motors with
permanent connections to fixed installations.
• Measurement Category IV is for measurements performed at the
primary electrical supply installation (<1,000 V). Examples include
electricity meters and measurements on primary overcurrent
protection devices and on ripple control units.
Low-Cost Digital I/O Device for USB
4
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com