Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO721 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ISO721
Description  3.3-V / 5-V HIGH-SPEED DIGITAL ISOLATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO721 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ISO721 Datasheet HTML 15Page - Texas Instruments ISO721 Datasheet HTML 16Page - Texas Instruments ISO721 Datasheet HTML 17Page - Texas Instruments ISO721 Datasheet HTML 18Page - Texas Instruments ISO721 Datasheet HTML 19Page - Texas Instruments ISO721 Datasheet HTML 20Page - Texas Instruments ISO721 Datasheet HTML 21Page - Texas Instruments ISO721 Datasheet HTML 22Page - Texas Instruments ISO721 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
ISO721, ISO721M
ISO722, ISO722M
www.ti.com
SLLS629J – JANUARY 2006 – REVISED JULY 2010
Insulation:
Operational insulation — Insulation needed for the correct operation of the equipment.
Basic insulation — Insulation to provide basic protection against electric shock.
Supplementary insulation — Independent insulation applied in addition to basic insulation in order to ensure
protection against electric shock in the event of a failure of the basic insulation.
Double insulation — Insulation comprising both basic and supplementary insulation.
Reinforced insulation — A single insulation system which provides a degree of protection against electric shock
equivalent to double insulation.
Pollution Degree:
Pollution Degree 1 — No pollution, or only dry, nonconductive pollution occurs. The pollution has no influence.
Pollution Degree 2 — Normally, only nonconductive pollution occurs. However, a temporary conductivity caused
by condensation must be expected.
Pollution Degree 3 — Conductive pollution occurs or dry nonconductive pollution occurs which becomes
conductive due to condensation which is to be expected.
Pollution Degree 4 – Continuous conductivity occurs due to conductive dust, rain, or other wet conditions.
Installation Category:
Overvoltage Category — This section is directed at insulation co-ordination by identifying the transient
overvoltages which may occur, and by assigning four different levels as indicated in IEC 60664.
I: Signal level — Special equipment or parts of equipment.
II: Local level — Portable equipment, etc.
III: Distribution level — Fixed installation
IV: Primary supply level — Overhead lines, cable systems
Each category should be subject to smaller transients than the category above.
A
A
A
REVISION HISTORY
Changes from Revision I (February 2010) to Revision J
Page
•
Changed V to Vpeak in UNIT column of IEC Insulation Characteristics table ..................................................................... 4
•
Added row for VISO to IEC Insulation Characteristics table .................................................................................................. 4
•
Changed note from " ............................................................................................................................................................. 5
•
Removed VCC2 from 5-V operation, changed 3-V operation to 3.3-V operation, and removed VCC1 from 3.3-V
operation in note. .................................................................................................................................................................. 6
•
Removed VCC1 from 5-V operation, changed 3-V operation to 3.3-V operation, and removed VCC2 from 3.3-V
operation in note. .................................................................................................................................................................. 7
•
Removed 5-V operation, changed 3-V operation to 3.3-V operation, and changed " .......................................................... 8
•
Added "INSULATION" to the title of "PACKAGE CHARACTERISTICS" table ................................................................... 12
•
Added "Descriptions" to header of PACKAGE INSULATION CHARACTERISTICS table ................................................. 12
Changes from Revision H (June 2009) to Revision I
Page
•
Changed 50 kV/s to 50 kV/µs ............................................................................................................................................... 1
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ISO721 ISO721M ISO722 ISO722M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com