Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC103 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSC103
Description  High-voltage, high-side current sense amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSC103 Datasheet HTML 15Page - STMicroelectronics TSC103 Datasheet HTML 16Page - STMicroelectronics TSC103 Datasheet HTML 17Page - STMicroelectronics TSC103 Datasheet HTML 18Page - STMicroelectronics TSC103 Datasheet HTML 19Page - STMicroelectronics TSC103 Datasheet HTML 20Page - STMicroelectronics TSC103 Datasheet HTML 21Page - STMicroelectronics TSC103 Datasheet HTML 22Page - STMicroelectronics TSC103 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Package information
TSC103
20/23
Doc ID 16873 Rev 1
7.2
TSSOP-8 package information
Figure 11.
TSSOP8 package mechanical drawing
Table 11.
TSSOP8 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.008
D
2.90
3.00
3.10
0.114
0.118
0.122
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.0256
k0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1
0.039
aaa
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com