Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRS-20 Datasheet(PDF) 2 Page - CUI INC

Part # VDRS-20
Description  20 W MINI POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDRS-20 Datasheet(HTML) 2 Page - CUI INC

  VDRS-20 Datasheet HTML 1Page - CUI INC VDRS-20 Datasheet HTML 2Page - CUI INC VDRS-20 Datasheet HTML 3Page - CUI INC VDRS-20 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
07/2009
2 of 4
20 W MINI POWER SUPPLY
VDRS-20
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
INPUT
parameter
conditions/description
min
nom
max
units
input voltage range
derating may be needed under low input voltages;
consult the derating curve for more details (page 3)
88
124
264
370
V ac
V dc
frequency range
47
63
Hz
rated input current
115 V ac
230 V ac
0.45
0.32
A
A
inrush current
115 V ac
230 V ac
20
40
A
A
leakage current
230 V ac
1mA
OUTPUT
parameter
conditions/description
min
nom
max
units
line regulation
±1
%
load regulation
±1
%
voltage tolerance
includes setup tolerance, line and load regulation
±1
%
over voltage protection
latch-off mode
115
150
%
over load protection
constant current limit, auto recovery
102
%
SAFETY & EMI
parameter
conditions/description
min
nom
max
units
HI-POT
input to output for 1 minute
input to case for 1 minute
4242
2121
V dc
V dc
insulation resistance
input to output at 500 V dc
100
M
safety approvals
UL 508, TUV EN60950-1,
UL1310 NEC class 2 compliant
EMI standard
EN55022: 2006 class B, EN61204-3: 2000, EN61000-
6-3:2007
RoHS compliant
yes
LPS power supply
yes
power good
open collector
40
mA
ENVIRONMENTAL
parameter
conditions/description
min
nom
max
units
operating temperature
-20
70
°C
operating humidity
20
90
%
storage temperature
-40
85
°C
storage humidity
10
95
%
cooling
natural convection
temperature coefficient
0 ~ 50°C
0.03
%/°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com