Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT30DS60B Datasheet(PDF) 2 Page - Advanced Power Technology

Part # APT30DS60B
Description  2-300V HIGH FREQUENCY SOFT RECOVERY RECTIFIER DIODES IN SERIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT30DS60B Datasheet(HTML) 2 Page - Advanced Power Technology

  APT30DS60B Datasheet HTML 1Page - Advanced Power Technology APT30DS60B Datasheet HTML 2Page - Advanced Power Technology APT30DS60B Datasheet HTML 3Page - Advanced Power Technology APT30DS60B Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT30DS60B_S
DYNAMIC CHARACTERISTICS
THERMAL AND MECHANICAL CHARACTERISTICS
APT Reserves the right to change, without notice, the specifications and information contained herein.
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Mounting Torque
Symbol
R
θJC
R
θJA
W
T
Torque
MIN
TYP
MAX
0.95
40
0.22
5.9
10
1.1
UNIT
°C/W
oz
g
lb•in
N•m
MIN
TYP
MAX
-
17
-24
-29
-2
-
-49
-
180
-6
-
-28
-
320
-21
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 30A, diF/dt = -200A/µs
V
R = 400V, TC = 25°C
I
F = 30A, diF/dt = -200A/µs
V
R = 400V, TC = 125°C
I
F = 30A, diF/dt = -1000A/µs
V
R = 400V, TC = 125°C
I
F = 1A, diF/dt = -100A/µs, VR = 30V, TJ = 25°C
10-5
10-4
10-3
10-2
10-1
1.0
10
RECTANGULARPULSEDURATION(seconds)
FIGURE1a.MAXIMUMEFFECTIVETRANSIENTTHERMALIMPEDANCE,JUNCTION-TO-CASEvs.PULSEDURATION
1.00
0.80
0.60
0.40
0.20
0
Note:
Duty Factor D = t1/t2
Peak TJ = PDM x ZθJC + TC
t1
t2
0.5
SINGLE PULSE
0.1
0.3
0.7
0.9
0.05
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
0.193
°C/W
0.589
°C/W
0.191
°C/W
0.00442 J/
°C
0.0733 J/
°C
1.19 J/
°C
Power
(watts)
Junction
temp(
°C)
RC MODEL
Case temperature(
°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com