Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF24WB0MB Datasheet(PDF) 20 Page - Microchip Technology

Part # MRF24WB0MB
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 20 Page - Microchip Technology

Back Button MRF24WB0MB Datasheet HTML 16Page - Microchip Technology MRF24WB0MB Datasheet HTML 17Page - Microchip Technology MRF24WB0MB Datasheet HTML 18Page - Microchip Technology MRF24WB0MB Datasheet HTML 19Page - Microchip Technology MRF24WB0MB Datasheet HTML 20Page - Microchip Technology MRF24WB0MB Datasheet HTML 21Page - Microchip Technology MRF24WB0MB Datasheet HTML 22Page - Microchip Technology MRF24WB0MB Datasheet HTML 23Page - Microchip Technology MRF24WB0MB Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MRF24WB0MA/MRF24WB0MB
DS70632A-page 20
Preliminary
 2010 Microchip Technology Inc.
2.8
External Antenna
The MRF24WB0MB has been regulatory certified for
use with a number of antennas. The modular certifica-
tions hold only if the following antennas, or antennas
that are materially and functionally equivalent, are
used. All antennas connect to the module via an ultra
miniature coaxial (U.FL or IPEX) connector.
A list of antennas for use with the module is provided in
Table 2-2.
TABLE 2-2:
LIST OF CERTIFIED EXTERNAL ANTENNAS
Part Number
Type
Gain (dBi)
VSWR
Max.
Connector
Vendor
RFA-02-P05
PCB
2
2.0
IPEX
Aristotle
RFA-02-L6H1-70-35
Dipole
2
2.0
IPEX
Aristotle
RFA-02-D3
Dipole
1.5
2.0
IPEX
Aristotle
RFA-02-L2H1
Dipole
2
2.0
IPEX
Aristotle
RFA-02-3-C5H1
Dipole
3
2.0
IPEX
Aristotle
RFA-02-5-C7H1
Dipole
5
2.0
IPEX
Aristotle
RFA-02-5-F7H1
Dipole
5
2.0
IPEX
Aristotle
WF2400-15001A
Dipole
5
2.0
IPEX
Saytec
WF2400-15001AR
Dipole
5
2.0
RF-IPEX
Saytec
WF2400-10001I
Dipole
2
2.0
IPEX
Saytec
WF2400-10001R
Dipole
2
2.0
RF-IPEX
Saytec
AN2400-5901RS, used with connector
SMASFR8-3152H-00X00I
Omni
9
2.0
IPEX
Saytec
AN2400-5901RS, used with connector
SMASFR8-3152H-00X00IR
Omni
9
2.0
RF-IPEX
Saytec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com