Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX823 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # APX823
Description  PROCESSOR SUPERVISORY CIRCUITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX823 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button APX823 Datasheet HTML 2Page - Diodes Incorporated APX823 Datasheet HTML 3Page - Diodes Incorporated APX823 Datasheet HTML 4Page - Diodes Incorporated APX823 Datasheet HTML 5Page - Diodes Incorporated APX823 Datasheet HTML 6Page - Diodes Incorporated APX823 Datasheet HTML 7Page - Diodes Incorporated APX823 Datasheet HTML 8Page - Diodes Incorporated APX823 Datasheet HTML 9Page - Diodes Incorporated APX823 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
APX823/APX824/APX825A
PROCESSOR SUPERVISORY CIRCUITS
APX823/APX824/APX825A Rev. 3
6 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Timing requirements
(at RL=1mΩ, CL=50pF, TA=25
oC)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
tW
Pulse
Width
at MR
VCC> VTH-+0.2V, VIL=0.3 × VCC, VIH=0.7× VCC
100
-
-
ns
at WDI
VCC> VTH-+0.2V, VIL=0.3 × VCC, VIH=0.7× VCC
50
-
-
ns
Switching Characteristics
(at RL=1mΩ, CL=50pF, TA=25
oC)
Symbol
Parameter
Test Conditions
Min
Typ. Max
Unit
ttout
Watchdog Time Out APX823/APX824/APX825A
VCC> VTH-+0.2V,
See timing diagram
1.12
1.6
2.4
s
td
Delay Time
APX823/APX824/APX825A
VCC> VTH-+0.2V,
See timing diagram
140
200
280
ms
tPHL
Propagation (Delay)
Time,
High-to-low-level
Output
MR to
RESET
delay (APX823/APX825A)
VCC> VTH-+0.2V,
VIL=0.3 × VCC,
VIH=0.7× VCC
-
-
0.1
μs
VCC to RESET delay
VIL= VTH--0.2V,
VIH= VTH-+0.2V
-
-
25
μs
tPLH
Propagation (Delay)
Time,
Low-to-high-level
Output
MR to RESET delay
(APX824/APX825A)
VCC> VTH-+0.2V,
VIL=0.3 × VCC,
VIH=0.7× VCC
-
-
0.1
μs
VCC to RESET delay
(APX824/APX825A)
VIL= VTH--0.2V,
VIH= VTH-+0.2V
-
-
25
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com