Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTA3N50D2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTA3N50D2
Description  Depletion Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTA3N50D2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTA3N50D2 Datasheet HTML 1Page - IXYS Corporation IXTA3N50D2 Datasheet HTML 2Page - IXYS Corporation IXTA3N50D2 Datasheet HTML 3Page - IXYS Corporation IXTA3N50D2 Datasheet HTML 4Page - IXYS Corporation IXTA3N50D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXYS REF: T_3N50D2(3C)8-17-09-A
IXTA3N50D2
IXTP3N50D2
Fig. 17. Maximum Transient Thermal Impedance
0.01
0.10
1.00
10.00
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 17. Maximum Transient Thermal Impedance
2.00
Fig. 14. Gate Charge
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
QG - NanoCoulombs
VDS = 250V
I D = 1.5A
I G = 10mA
Fig. 13. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 15. Forward-Bias Safe Operating Area
@ TC = 25ºC
0.1
1.0
10.0
100.0
10
100
1,000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
100ms
DC
Fig. 16. Forward-Bias Safe Operating Area
@ TC = 75ºC
0.1
1.0
10.0
100.0
10
100
1,000
VDS - Volts
TJ = 150ºC
TC = 75ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
100ms
DC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com