Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90591GPF Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB90591GPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90591GPF Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB90591GPF Datasheet HTML 9Page - fujitsu semiconductor MB90591GPF Datasheet HTML 10Page - fujitsu semiconductor MB90591GPF Datasheet HTML 11Page - fujitsu semiconductor MB90591GPF Datasheet HTML 12Page - fujitsu semiconductor MB90591GPF Datasheet HTML 13Page - fujitsu semiconductor MB90591GPF Datasheet HTML 14Page - fujitsu semiconductor MB90591GPF Datasheet HTML 15Page - fujitsu semiconductor MB90591GPF Datasheet HTML 16Page - fujitsu semiconductor MB90591GPF Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
MB90590G Series
DS07-13704-6E
13
■ HANDLING DEVICES
(1) Preventing latch-up
CMOS IC chips may suffer latch-up under the following conditions :
• A voltage higher than Vcc or lower than Vss is applied to an input or output pin.
• A voltage higher than the rated voltage is applied between Vcc and Vss.
• The AVcc power supply is applied before the Vcc voltage.
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
For the same reason, also be careful not to let the analog power-supply voltage (AVCC, AVRH) exceed the digital
power-supply voltage.
(2) Treatment of unused pins
Leaving unused input pins open may result in misbehavior or latch up and possible permanent damage of the
device. Therefor they must be pulled up or pulled down through resistors. In this case those resistors should be
more than 2 k
Ω.
Unused bidirectional pins should be set to the output state and can be left open, or the input state with the above
described connection.
(3) Using external clock
To use external clock, drive X0 pin only and leave X1 pin unconnected.
Below is a diagram of how to use external clock.
Using external clock
X0
X1
MB90590G Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com