Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95430 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB95430
Description  8-bit Microcontrollers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95430 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB95430 Datasheet HTML 1Page - fujitsu semiconductor MB95430 Datasheet HTML 2Page - fujitsu semiconductor MB95430 Datasheet HTML 3Page - fujitsu semiconductor MB95430 Datasheet HTML 4Page - fujitsu semiconductor MB95430 Datasheet HTML 5Page - fujitsu semiconductor MB95430 Datasheet HTML 6Page - fujitsu semiconductor MB95430 Datasheet HTML 7Page - fujitsu semiconductor MB95430 Datasheet HTML 8Page - fujitsu semiconductor MB95430 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
FUJITSU SEMICONDUCTOR
DATA SHEET
Copyright©2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2010.8
For the information for microcontroller supports, see the following website.
http://edevice.fujitsu.com/micom/en-support/
8-bit Microcontrollers
CMOS
F2MC-8FX MB95430H Series
MB95F432H/F433H/F434H
MB95F432K/F433K/F434K
■ DESCRIPTION
MB95430H is a series of general-purpose, single-chip microcontrollers. In addition to a compact instruction
set, the microcontrollers of this series contain a variety of peripheral resources.
Note: F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
•F2MC-8FX CPU core
Instruction set optimized for controllers
• Multiplication and division instructions
• 16-bit arithmetic operations
• Bit test branch instructions
• Bit manipulation instructions, etc.
• Clock
• Selectable main clock source
Main OSC clock (up to 16.25 MHz, maximum machine clock frequency: 8.125 MHz)
External clock (up to 32.5 MHz, maximum machine clock frequency: 16.25 MHz)
Main CR clock (1/8/10/12.5 MHz
±2%, maximum machine clock frequency: 12.5 MHz)
• Selectable subclock source
Sub-OSC clock (32.768 kHz)
External clock (32.768 kHz)
Sub-CR clock (Typ: 100 kHz, Min: 50 kHz, Max: 200 kHz)
•Timer
• 8/16-bit composite timer
× 1 channel
• 16-bit PPG
× 1 channel
• 16-bit free-running timer
× 1 channel
• 16-bit output compare
× 2 channels
• Time-base timer
× 1 channel
• Watch prescaler
× 1 channel
• UART/SIO
× 1 channel
• Full duplex double buffer
• Capable of clock-asynchronous (UART) serial data transfer and clock-synchronous (SIO) serial data
transfer
(Continued)
DS07–12xxx–1E


Similar Part No. - MB95430

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB95430 FUJITSU-MB95430 Datasheet
969Kb / 4P
Low-Pin-Count Microcontrollers
More results

Similar Description - MB95430

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
8-Bit Microcontrollers
logo
NXP Semiconductors
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
8-bit microcontrollers
1997 Dec 15
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
8-Bit Microcontrollers
logo
fujitsu semiconductor
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
8-Bit Microcontrollers
logo
fujitsu semiconductor
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
8-bit Microcontrollers
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
8-bit Microcontrollers
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
8-bit Microcontrollers
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com