Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT2232H Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT2232H
Description  DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232H Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT2232H Datasheet HTML 35Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 36Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 37Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 38Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 39Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 40Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 41Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 42Page - Future Technology Devices International Ltd. FT2232H Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Copyright © 2010 Future Technology Devices International Limited
39
Document No.: FT_000061
FT2232H DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 2.09
Clearance No.: FTDI#77
4.10 Synchronous and Asynchronous Bit-Bang Interface Mode
Description
The FT2232H channel A or channel B can be configured as a bit-bang interface. There are two types of
bit-bang modes: synchronous and asynchronous.
Asynchronous Bit-Bang Mode
Asynchronous Bit-Bang mode is the same as BM-style Bit-Bang mode, except that the internal RD# and
WR# strobes (RDSTB# and WRSTB#) are now brought out of the device to allow external logic to be
clocked by accesses to the bit-bang IO bus.
On either or both channels any data written to the device in the normal manner will be self clocked onto
the data pins (those which have been configured as outputs). Each pin can be independently set as an
input or an output. The rate that the data is clocked out at is controlled by the baud rate generator.
For the data to change there has to be new data written, and the baud rate clock has to tick. If no new
data is written to the channel, the pins will hold the last value written.
Synchronous Bit-Bang Mode
The synchronous Bit-Bang mode will only update the output parallel port pins whenever data is sent from
the USB interface to the parallel interface. When this is done, the WRSTB# will activate to indicate that
the data has been read from the USB Rx FIFO buffer and written out on the pins. Data can only be
received from the parallel pins (to the USB Tx FIFO interface) when the parallel interface has been
written to.
With Synchronous Bit-Bang mode data will only be sent out by the FT2232H if there is space in the
FT2232H USB TXFIFO for data to be read from the parallel interface pins. This Synchronous Bit-Bang
mode will read the data bus parallel I/O pins first, before it transmits data from the USB RxFIFO. It is
therefore 1 byte behind the output, and so to read the inputs for the byte that you have just sent,
another byte must be sent.
For example :-
(1) Pins start at 0xFF
Send 0x55,0xAA
Pins go to 0x55 and then to 0xAA
Data read = 0xFF,0x55
(2) Pins start at 0xFF
Send 0x55,0xAA,0xAA
(repeat the last byte sent)
Pins go to 0x55 and then to 0xAA
Data read = 0xFF,0x55,0xAA
Synchronous Bit-Bang Mode differs from Asynchronous Bit-Bang mode in that the device parallel output
is only read when the parallel output is written to by the USB interface. This makes it easier for the
controlling program to measure the response to a USB output stimulus as the data returned to the USB
interface is synchronous to the output data.
Asynchronous Bit-Bang mode is enabled using Set Bit Bang Mode driver command. A hex value of 1 will
enable Asynchronous Bit-Bang mode.
Synchronous Bit-Bang mode is enabled using Set Bit Bang Mode driver command. A hex value of 4 will
enable Synchronous Bit-Bang mode.
See application note AN2232-02, “Bit Mode Functions for the FT2232” for more details and
examples of using the bit-bang modes.
An example of the synchronous bi-bang mode timing is shown in Figure 4.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com