Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTA Datasheet(PDF) 3 Page - Tyco Electronics

Part # MTA
Description  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MTA Datasheet(HTML) 3 Page - Tyco Electronics

  MTA Datasheet HTML 1Page - Tyco Electronics MTA Datasheet HTML 2Page - Tyco Electronics MTA Datasheet HTML 3Page - Tyco Electronics MTA Datasheet HTML 4Page - Tyco Electronics MTA Datasheet HTML 5Page - Tyco Electronics MTA Datasheet HTML 6Page - Tyco Electronics MTA Datasheet HTML 7Page - Tyco Electronics MTA Datasheet HTML 8Page - Tyco Electronics MTA Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
C45
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTB Series
Toggle Switches, MT Series, Wire Lug, Decorative Bat Actuator
SEE PAGE C43 FOR PRODUCT SPECIFICATIONS
For terminal connections refer to Code Chart. (See Page M5-6)
SPDT
MTB106D
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
6-1437558-3
MTB106D
SPDT
1
On None On
6-1437558-2
MTB106E
SPDT
5
On Off
On
Alcoswitch
Type
Act. Code P. M5
MTB106F
SPDT
1
On None (On)
MTB106G
SPDT
5
(On) Off (On)
(On) indicates momentary position.
.315
(8.00)
.512
(13.00)
1/4-40 UNS-2A
.120
(3.00)
DIA.
.600
(15.2)
.315
(8.00)
.394
(10.00)
.170
(4.32)
TYP.
.157
(4.00)
.030
(0.76)
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
DPDT
MTB206N
.512
(13.00)
.512
(13.00)
.190
(4.83)
TYP.
1/4-40 UNS-2A
.120
(3.00)
DIA.
.600
(15.2)
.315
(8.00)
.394
(10.00)
.170
(4.32)
TYP.
.157
(4.00)
.030
(0.76)
TYP.
24
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W)
KEYWAY
4PDT
MTB406N
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
6-1437558-6
MTB306D
3PDT
3
On None On
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
6-1437558-7
MTB406N
4PDT
4
On None On
.701
(17.81)
.512
(13.00)
.190
(4.83)
TYP.
1/4-40 UNS-2A
.120
(3.00)
DIA.
.600
(15.2)
.315
(8.00)
.492
(12.50)
.170
(4.32)
TYP.
.157
(4.00)
.030
(0.76)
TYP.
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
3PDT
MTB306D
Tyco
Alcoswitch
Type
Act. Code P. M5
Electronics
6-1437558-4
MTB206N
DPDT
2
On None On
6-1437558-5
MTB206P
DPDT
6
On Off
On
Alcoswitch
Type
Act. Code P. M5
MTB206T
DPDT
6
On Off (On)
(On) indicates momentary position.
.890
(22.60)
.512
(13.00)
.190
(4.83)
TYP.
1/4-40 UNS-2A
.120
(3.00)
DIA.
.600
(15.2)
.315
(8.00)
.492
(12.50)
.170
(4.32)
TYP.
.157
(4.00)
.030
(0.76)
TYP.
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
(
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com