Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2T45 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2T45 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button 74LVC2T45_1 Datasheet HTML 28Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 29Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 30Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 31Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 32Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 33Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 34Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 35Page - NXP Semiconductors 74LVC2T45_1 Datasheet HTML 36Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 20 August 2010
32 of 36
NXP Semiconductors
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
Fig 24. Package outline SOT1203 (XSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1203
sot1203_po
10-04-02
10-04-06
Unit
mm
max
nom
min
0.35
0.04
1.40
1.35
1.30
1.05
1.00
0.95
0.55
0.35
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON8: extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1.0 x 0.35 mm
SOT1203
A1
b
0.20
0.15
0.12
DE
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
E
D
(4
×)(2)
(8
×)(2)
A
A1
e
L
L1
b
e1
e1
e1
1
8
2
7
3
6
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com