Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU931T Datasheet(PDF) 4 Page - STMicroelectronics

Part # BU931T
Description  High voltage ignition coil driver NPN power Darlington transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU931T Datasheet(HTML) 4 Page - STMicroelectronics

  BU931T Datasheet HTML 1Page - STMicroelectronics BU931T Datasheet HTML 2Page - STMicroelectronics BU931T Datasheet HTML 3Page - STMicroelectronics BU931T Datasheet HTML 4Page - STMicroelectronics BU931T Datasheet HTML 5Page - STMicroelectronics BU931T Datasheet HTML 6Page - STMicroelectronics BU931T Datasheet HTML 7Page - STMicroelectronics BU931T Datasheet HTML 8Page - STMicroelectronics BU931T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
BU931, BU931P, BU931T
4/13
Doc ID 1004 Rev 4
2
Electrical characteristics
Tcase = 25 °C; unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE = 0)
VCE = 500 V
VCE = 500 V
TC = 125 °C
100
0.5
µA
mA
ICEO
Collector cut-off current
(IB = 0)
VCE = 450 V
VCE = 450 V
TC = 125 °C
100
0.5
µA
mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
20
mA
VCEO(sus)
(1)
1.
Pulse test: pulse duration
≤ 300 µs, duty cycle ≤ 2 %
Collector-emitter
sustaining voltage (IB = 0)
IC = 100 mA
L = 10 mH
Vclamp = 400 V
see
Figure 14
400
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 7 A
IB = 70 mA
IC = 8 A
IB = 100 mA
IC = 10 A
IB = 250 mA
1.6
1.8
1.8
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 7 A
IB = 70 mA
IC = 8 A
IB = 100 mA
IC = 10 A
IB = 250 mA
2.2
2.4
2.5
V
V
V
hFE
(1)
DC current gain
IC = 5 A
VCE = 10 V 300
VF
Diode forward voltage
IF = 10 A
2.5
V
Functional test
VCC = 24 V
L = 7 mH
Vclamp = 400 V
see
Figure 11
8A
ts
tf
Inductive Load
Storage time
Fall time
IC = 7 A
Vclamp = 300 V
IB = 70 mA
L = 7 mH
VBE = 0
RBE = 47 Ω
VCC = 12 V
see
Figure 13
15
0.5
µs
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com