| Electronic Components Datasheet Search |
|
PCF85321 Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85321 Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 44 page ![]() PCF8532_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 10 February 2009 21 of 44 NXP Semiconductors PCF8532 Universal LCD driver for low multiplex rates 7.16.6 Input filters To enhance noise immunity in electrically adverse environments, RC low-pass filters are provided on the SDA and SCL lines. 7.16.7 I2C-bus protocol Two I2C-bus slave addresses (0111 000 and 0111 001) are reserved for the PCF8532. The least significant bit of the slave address that a PCF8532 responds to is defined by the level tied at its input SA0. The PCF8532 is a write only device and does not respond to a read access. Two types of PCF8532 can be distinguished on the same I2C-bus which allows: • Up to 8 PCF8532’s on the same I2C-bus for very large LCD applications • The use of two types of LCD multiplex on the same I2C-bus. The I2C-bus protocol is shown in Figure 15. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of the two PCF8532 slave addresses available. All PCF8532’s with the corresponding SA0 level acknowledge in parallel to the slave address, but all PCF8532’s with the alternative SA0 level ignore the whole I2C-bus transfer. After acknowledgement, a control byte follows which defines if the next byte is RAM or command information. The control byte also defines if the next following byte is a control byte or further RAM/command data. In this way it is possible to configure the device then fill the display RAM with little overhead. The command bytes and control bytes are also acknowledged by all addressed PCF8532’s connected to the bus. The display bytes are stored in the display RAM at the address specified by the data pointer and the subaddress counter. Both data pointer and subaddress counter are automatically updated and the data is directed to the intended PCF8532 device. The acknowledgement after each byte is made only by the (A0 and A1) addressed PCF8532. After the last (display) byte, the I2C-bus master issues a STOP condition (P). Alternatively a START may be issued to RESTART an I2C-bus access. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |