Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA3718SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TEA3718SP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718SP Datasheet(HTML) 1 Page - STMicroelectronics

  TEA3718SP Datasheet HTML 1Page - STMicroelectronics TEA3718SP Datasheet HTML 2Page - STMicroelectronics TEA3718SP Datasheet HTML 3Page - STMicroelectronics TEA3718SP Datasheet HTML 4Page - STMicroelectronics TEA3718SP Datasheet HTML 5Page - STMicroelectronics TEA3718SP Datasheet HTML 6Page - STMicroelectronics TEA3718SP Datasheet HTML 7Page - STMicroelectronics TEA3718SP Datasheet HTML 8Page - STMicroelectronics TEA3718SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
January 2009
Rev 2
1/26
26
TEA3718
Stepper motor driver
Features
■ Half-step and full-step mode
■ Bipolar drive of stepper motor for maximum
motor performance
■ Built-in protection diodes
■ Wide range of current control 5 to 1500 mA
■ Wide voltage range 10 to 50 V
■ Designed for unstabilized motor supply voltage
■ Current levels can be selected insteps or
varied continuously
■ Thermal overload protection
■ Alarm output or pre-alarm output
Applications
The TEA3718 is a bipolar monolithic integrated
circuit intended to control and drive the current in
one winding of a bipolar stepper motor.
Description
The circuits consist of an LS-TTL compatible logic
input, a current sensor, a monostable and an
output stage with built-in protection diodes. Two
TEA3718 ICs and a few external components
form a complete control and drive unit for LS-TTL
or microprocessor-controlled stepper motor
systems.
Figure 1.
Block diagram
TM: Multiwatt is a trademark of STMicroelectronics
Table 1. Device summary
Order code
Package
E-TEA3718SDP
Power DIP
E-TEA3718DP
E-TEA3718SFP
SO20
E-TEA3718SFPTR
SO20 (tape and reel)
E-TEA3718SP
Multiwatt™ 15
Power DIP 12+2+2
Multiwatt™ 15
SO20
Motor winding
OUT A
REFERENCE
COMPARATOR
PULSE TIME
IN0
IN1
INPUT
TEA3718
SENSE
OUT B
ALARM
PRE-ALARM
RESISTOR
PHASE
(TEA3718SP)
(TEA3718SFP)
www.st.com


Similar Part No. - TEA3718SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA3718SP STMICROELECTRONICS-TEA3718SP Datasheet
288Kb / 16P
STEPPER MOTOR DRIVER
Dec-1991
More results

Similar Description - TEA3718SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
STEPPER MOTOR DRIVER
logo
Motorola, Inc
SAA1042 MOTOROLA-SAA1042 Datasheet
100Kb / 6P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219 STMICROELECTRONICS-L6219 Datasheet
1Mb / 9P
STEPPER MOTOR DRIVER
Oct-2001
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
STEPPER MOTOR DRIVER
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
Stepper Motor Driver
June, 2006 ??Rev. 7
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
Stepper Motor Driver
December, 2001 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com