Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETC5064 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ETC5064
Description  SERIAL INTERFACE CODEC/FILTER WITH RECEIVEPOWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ETC5064 Datasheet(HTML) 3 Page - STMicroelectronics

  ETC5064_03 Datasheet HTML 1Page - STMicroelectronics ETC5064_03 Datasheet HTML 2Page - STMicroelectronics ETC5064_03 Datasheet HTML 3Page - STMicroelectronics ETC5064_03 Datasheet HTML 4Page - STMicroelectronics ETC5064_03 Datasheet HTML 5Page - STMicroelectronics ETC5064_03 Datasheet HTML 6Page - STMicroelectronics ETC5064_03 Datasheet HTML 7Page - STMicroelectronics ETC5064_03 Datasheet HTML 8Page - STMicroelectronics ETC5064_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
PIN DESCRIPTION
Name
Pin
Type (*)
N
Description
VPO
+
O
1
The Non-inverting Output of the Receive Power Amplifier
GNDA
GND
2
Analog Ground. All signals are referenced to this pin.
VPO
-
O
3
The Inverting Output of the Receive Power Amplifier
VPI
I
4
Inverting Input to the Receive Power Amplifier. Also powers down both
amplifiers when connected to VBB.
VFRO
O
5
Analog Output of the Receive Filter.
VCC
S6
Positive Power Supply Pin. VCC = +5V
±5%
FSR
I
7
Receive Frame Sync Pulse which enable BCLKR to shift PCM data into
DR. FSR is an 8KHz pulse train. See figures 1 and 2 for timing details.
DR
I
8
Receive Data Input. PCM data is shifted into DR following the FSR leading
edge
BCLKR/CLKSEL
I
9
The bit Clock which shifts data into DR after the FSR leading edge. May
vary from 64KHz to 2.048MHz.
Alternatively, may be a logic input which selects either 1.536MHz/1.544MHz
or 2.048MHz for master clock in synchronous mode and BCLKX is used
for both transmit and receive directions (see table 1). This input has an
internal pull-up.
MCKLR/PDN
I
10
Receive Master Clock. Must be 1.536MHz, 1.544MHz or 2.048MHz. May
be asynchronous with MCLKX, but should be synchronous with MCLKX for
best performance. When MCLKR is connected continuously low, MCLKX is
selected for all internal timing. When MCLKR is connected continuously
high, the device is powered down.
MCLKX
I
11
Transmit Master Clock. Must be 1.536MHz, 1.544MHz or 2.048MHz. May
be asynchronous with MCLKR.
BCLKX
I
12
The bit clock which shifts out the PCM data on DX. May vary from 64KHz
to 2.048MHz, but must be synchronous with MCLKX.
DX
O13
The TRI-STATE
®PCM data output which is enabled by FSX.
FSX
I
14
Transmit frame sync pulse input which enables BCLKX to shift out the
PCM data on DX. FSX is an 8KHz pulse train. See figures 1 and 2 for
timing details.
TSX
O
15
Open drain output which pulses low during the encoder time slot. Must to
be grounded if not used.
ANLB
I
16
Analog Loopback Control Input. Must be set to logic ’0’ for normal
operation. When pulled to logic ’1’, the transmit filter input is disconnected
from the output of the transmit preamplifier and connected to the VPO
+
output of the receive power amplifier.
GSX
O
17
Analog output of the transmit input amplifier. Used to set gain externally.
VFXI
-
I
18
Inverting input of the transmit input amplifier.
VFXI
+
I
19
Non-inverting input of the transmit input amplifier.
VBB
S20
Negative Power Supply Pin. VBB = -5V
±5%
(*) I: Input, O: Output, S: Power Supply.
TRI-STATE
® is a trademark of National Semiconductor Corp.
ETC5064 - ETC5064-X - ETC5067 - ETC5067-X
3/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com