Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB7N52K3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STB7N52K3
Description  N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7N52K3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STB7N52K3_09 Datasheet HTML 4Page - STMicroelectronics STB7N52K3_09 Datasheet HTML 5Page - STMicroelectronics STB7N52K3_09 Datasheet HTML 6Page - STMicroelectronics STB7N52K3_09 Datasheet HTML 7Page - STMicroelectronics STB7N52K3_09 Datasheet HTML 8Page - STMicroelectronics STB7N52K3_09 Datasheet HTML 9Page - STMicroelectronics STB7N52K3_09 Datasheet HTML 10Page - STMicroelectronics STB7N52K3_09 Datasheet HTML 11Page - STMicroelectronics STB7N52K3_09 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical characteristics
STB7N52K3, STD7N52K3, STF7N52K3, STP7N52K3
8/18
Doc ID 14896 Rev 2
Figure 14. Gate charge vs gate-source voltage Figure 15. Normalized on resistance vs
temperature
Figure 16. Normalized gate threshold voltage
vs temperature
Figure 17. Maximum avalanche energy vs
temperature
Figure 18. Source-drain diode forward
characteristics
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=420V
ID=6A
25
12
200
150
100
0
300
400
VDS
VGS
50
250
350
30
35
AM05406v1
RDS(on)
2.0
1.5
1.0
0.5
-50
0
TJ(°C)
(norm)
-25
75
25
50
100 125 150
2.5
0.0
AM05408v1
VGS(th)
1.00
0.90
0.80
0.70
-50
0
TJ(°C)
(norm)
-25
1.10
75
25 50
100 125 150
AM05407v1
EAS
0
40
TJ(°C)
(mJ)
20
100
60
80
0
10
20
30
40
120 140
50
60
70
80
90
100
ID=6.2 A
VDD=50 V
AM05409v1
VSD
0
2
ISD(A)
(V)
1
5
3
4
0.4
0.5
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=150°C
TJ=25°C
7
6
8
0.3
AM05410v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com