Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD7N52K3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STD7N52K3
Description  N-channel 525 V, 0.84 OHM, 6.2 A, D2PAK, DPAK, TO-220FP, TO-220 SuperMESH3 Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD7N52K3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STD7N52K3 Datasheet HTML 3Page - STMicroelectronics STD7N52K3 Datasheet HTML 4Page - STMicroelectronics STD7N52K3 Datasheet HTML 5Page - STMicroelectronics STD7N52K3 Datasheet HTML 6Page - STMicroelectronics STD7N52K3 Datasheet HTML 7Page - STMicroelectronics STD7N52K3 Datasheet HTML 8Page - STMicroelectronics STD7N52K3 Datasheet HTML 9Page - STMicroelectronics STD7N52K3 Datasheet HTML 10Page - STMicroelectronics STD7N52K3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STB7N52K3, STD7N52K3, STF7N52K3, STP7N52K3
Electrical characteristics
Doc ID 14896 Rev 2
7/18
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10. Normalized BVDSS vs temperature Figure 11. Static drain-source on resistance
Figure 12. Output capacitance stored energy
Figure 13. Capacitance variations
ID
3
2
1
0
0
2
VDS(V)
4
(A)
4
5
5V
6V
VGS=10V
AM05000v1
ID
3
2
1
0
0
4
VGS(V)
8
(A)
2
6
4
8
6
5
7
AM05401v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25 50
100
0.90
0.95
1.00
1.05
1.10
125 150
AM05402v1
RDS(on)
0.85
0.80
0.75
0.70
0
ID(A)
(
Ω)
1
0.90
0.95
ID=3.1A
VGS=10V
2
3
4
5
6
AM05403v1
Eoss
1.5
1.0
0.5
0
0
100
VDS(V)
(µJ)
2.0
200
2.5
3.0
300
400
3.5
4.0
500
AM05405v1
C
1000
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM05404v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com