Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC24FJ64GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 133Page - Microchip Technology PIC24FJ64GA Datasheet HTML 134Page - Microchip Technology PIC24FJ64GA Datasheet HTML 135Page - Microchip Technology PIC24FJ64GA Datasheet HTML 136Page - Microchip Technology PIC24FJ64GA Datasheet HTML 137Page - Microchip Technology PIC24FJ64GA Datasheet HTML 138Page - Microchip Technology PIC24FJ64GA Datasheet HTML 139Page - Microchip Technology PIC24FJ64GA Datasheet HTML 140Page - Microchip Technology PIC24FJ64GA Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 135
PIC24FJ64GA004 FAMILY
To set up the SPI module for the Enhanced Buffer
Master mode of operation:
1.
If using interrupts:
a)
Clear the SPIxIF bit in the respective IFSx
register.
b)
Set the SPIxIE bit in the respective IECx
register.
c)
Write the SPIxIP bits in the respective IPCx
register.
2.
Write the desired settings to the SPIxCON1 and
SPIxCON2
registers
with
MSTEN
(SPIxCON1<5>) = 1.
3.
Clear the SPIROV bit (SPIxSTAT<6>).
4.
Select Enhanced Buffer mode by setting the
SPIBEN bit (SPIxCON2<0>).
5.
Enable SPI operation by setting the SPIEN bit
(SPIxSTAT<15>).
6.
Write the data to be transmitted to the SPIxBUF
register. Transmission (and reception) will start
as soon as data is written to the SPIxBUF
register.
To set up the SPI module for the Enhanced Buffer
Slave mode of operation:
1.
Clear the SPIxBUF register.
2.
If using interrupts:
• Clear the SPIxIF bit in the respective IFSx
register.
• Set the SPIxIE bit in the respective IECx
register.
• Write the SPIxIP bits in the respective IPCx
register to set the interrupt priority.
3.
Write the desired settings to the SPIxCON1 and
SPIxCON2
registers
with
MSTEN
(SPIxCON1<5>) = 0.
4.
Clear the SMP bit.
5.
If the CKE bit is set, then the SSEN bit must be
set, thus enabling the SSx pin.
6.
Clear the SPIROV bit (SPIxSTAT<6>).
7.
Select Enhanced Buffer mode by setting the
SPIBEN bit (SPIxCON2<0>).
8.
Enable SPI operation by setting the SPIEN bit
(SPIxSTAT<15>).
FIGURE 14-2:
SPIx MODULE BLOCK DIAGRAM (ENHANCED MODE)
Internal Data Bus
SDIx
SDOx
SSx/FSYNCx
SCKx
SPIxSR
bit0
Shift Control
Edge
Select
FCY
Primary
1:1/4/16/64
Enable
Prescaler
Secondary
Prescaler
1:1 to 1:8
Sync
Clock
Control
SPIxBUF
Control
Transfer
Transfer
Write SPIxBUF
Read SPIxBUF
16
SPIxCON1<1:0>
SPIxCON1<4:2>
Master Clock
8-Level FIFO
Transmit Buffer
8-Level FIFO
Receive Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com