Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA Datasheet(PDF) 144 Page - Microchip Technology

Part # PIC24FJ64GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 144 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 140Page - Microchip Technology PIC24FJ64GA Datasheet HTML 141Page - Microchip Technology PIC24FJ64GA Datasheet HTML 142Page - Microchip Technology PIC24FJ64GA Datasheet HTML 143Page - Microchip Technology PIC24FJ64GA Datasheet HTML 144Page - Microchip Technology PIC24FJ64GA Datasheet HTML 145Page - Microchip Technology PIC24FJ64GA Datasheet HTML 146Page - Microchip Technology PIC24FJ64GA Datasheet HTML 147Page - Microchip Technology PIC24FJ64GA Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 142
Preliminary
© 2008 Microchip Technology Inc.
EQUATION 14-1:
RELATIONSHIP BETWEEN DEVICE AND SPI CLOCK SPEED(1)
TABLE 14-1:
SAMPLE SCK FREQUENCIES(1,2)
FCY = 16 MHz
Secondary Prescaler Settings
1:12:1
4:16:1
8:1
Primary Prescaler Settings
1:1
Invalid
8000
4000
2667
2000
4:1
4000
2000
1000
667
500
16:1
1000
500
250
167
125
64:1
250
125
63
42
31
FCY = 5 MHz
Primary Prescaler Settings
1:1
5000
2500
1250
833
625
4:1
1250
625
313
208
156
16:1
313
156
78
52
39
64:1
7839
201310
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.
2:
SCKx frequencies shown in kHz.
Primary Prescaler * Secondary Prescaler
FCY
FSCK =
Note 1: Based on FCY = FOSC/2; Doze mode and PLL are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com