Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC24FJ64GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC24FJ64GA Datasheet HTML 157Page - Microchip Technology PIC24FJ64GA Datasheet HTML 158Page - Microchip Technology PIC24FJ64GA Datasheet HTML 159Page - Microchip Technology PIC24FJ64GA Datasheet HTML 160Page - Microchip Technology PIC24FJ64GA Datasheet HTML 161Page - Microchip Technology PIC24FJ64GA Datasheet HTML 162Page - Microchip Technology PIC24FJ64GA Datasheet HTML 163Page - Microchip Technology PIC24FJ64GA Datasheet HTML 164Page - Microchip Technology PIC24FJ64GA Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 159
PIC24FJ64GA004 FAMILY
17.0 PARALLEL MASTER PORT
(PMP)
The Parallel Master Port (PMP) module is a parallel
8-bit I/O module, specifically designed to communicate
with a wide variety of parallel devices, such as commu-
nication peripherals, LCDs, external memory devices
and microcontrollers. Because the interface to parallel
peripherals varies significantly, the PMP is highly
configurable.
Key features of the PMP module include:
• Up to 16 Programmable Address Lines
• One Chip Select Line
• Programmable Strobe Options:
- Individual Read and Write Strobes or;
- Read/Write Strobe with Enable Strobe
• Address Auto-Increment/Auto-Decrement
• Programmable Address/Data Multiplexing
• Programmable Polarity on Control Signals
• Legacy Parallel Slave Port Support
• Enhanced Parallel Slave Support:
- Address Support
- 4-Byte Deep Auto-Incrementing Buffer
• Programmable Wait States
• Selectable Input Voltage Levels
FIGURE 17-1:
PMP MODULE OVERVIEW
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F Family Reference Manual”,
”Section 13. Parallel Master Port
(PMP)” (DS39713).
Note:
A number of the pins for the PMP are not
present on PIC24FJ64GA004 devices.
Refer to the specific device’s pinout to
determine which pins are available.
PMA<0>
PMBE
PMRD
PMWR
PMD<7:0>
PMENB
PMRD/PMWR
PMCS1
PMA<1>
PMA<10:2>
PMALL
PMALH
PMA<7:0>
PMA<15:8>
EEPROM
Address Bus
Data Bus
Control Lines
PIC24F
LCD
FIFO
Microcontroller
8-Bit Data
Up to 11-Bit Address
Parallel Master Port
Buffer
Note 1:
PMA<10:2> are not available on 28-pin devices.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com